Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28191FRUZ-TK Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL28191FRUZ-TK
Description  Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28191FRUZ-TK Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL28191FRUZ-TK Datasheet HTML 1Page - Intersil Corporation ISL28191FRUZ-TK Datasheet HTML 2Page - Intersil Corporation ISL28191FRUZ-TK Datasheet HTML 3Page - Intersil Corporation ISL28191FRUZ-TK Datasheet HTML 4Page - Intersil Corporation ISL28191FRUZ-TK Datasheet HTML 5Page - Intersil Corporation ISL28191FRUZ-TK Datasheet HTML 6Page - Intersil Corporation ISL28191FRUZ-TK Datasheet HTML 7Page - Intersil Corporation ISL28191FRUZ-TK Datasheet HTML 8Page - Intersil Corporation ISL28191FRUZ-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN6156.2
VSUPPLY
Supply Operating Range
VS+ to VS-3
5.5
V
VINH
ENABLE Pin High Level
2
V
VINL
ENABLE Pin Low Level
0.8
V
IENH
ENABLE Pin Input High Current
VEN = V+
0.8
1.1
1.3
µA
IENL
ENABLE Pin Input Low Current
VEN = V-
20
80
100
nA
Electrical Specifications
V+= 5.0V, V-= GND, RL = 1kΩ, RF = 1kΩ, AV = -1. unless otherwise specified. Parameters are per amplifier.
Typical values are at V+= 5V, TA = +25°C. Boldface limits apply over the operating temperature range,
-40°C to +125°C, temperature data guaranteed by characterization
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. GAIN vs FREQUENCY FOR VARIOUS RLOAD
FIGURE 2. GAIN vs FREQUENCY FOR VARIOUS CLOAD
FIGURE 3. -3dB BANDWIDTH vs VOUT
FIGURE 4. INPUT IMPEDANCE vs FREQUENCY
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
10k
100k
1M
10M
100M
FREQUENCY (Hz)
RL = 100k
V+ = 5V
AV = +1
CL = 10pF
VOUT = 10mVP-P
RL = 10k
RL = 1k
RL = 100
-10
-8
-6
-4
-2
0
2
4
6
8
10
10k
100k
1M
10M
100M
CL = 20pF
CL = 10pF
CL = 32pF
CL = 57pF
CL = 57pF
CL = 110pF
V+ = 5V
AV = +1
RL = 10kΩ
VOUT = 10mVp-p
FREQUENCY (Hz)
-7
-6
-5
-4
-3
0
-2
-1
1
2
10k
100K
1M
10M
100M
FREQUENCY (Hz)
V+ = 5V
AV = +1
RL = 10kΩ
CL = 10pF
-8
VOUT = 10mVP-P
VOUT = 100mVP-P
VOUT = 1VP-P
VOUT = 1mVP-P
100
1k
10k
100k
1M
10k
100k
1M
10M
100M
V+ = 5V, 3V
FREQUENCY (Hz)
ENABLED AND
DISABLED
VSOURCE = 1VP-P
ISL28191, ISL28291


Numéro de pièce similaire - ISL28191FRUZ-TK

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28191FRUZ-T7 INTERSIL-ISL28191FRUZ-T7 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL28191FRUZ-T7 INTERSIL-ISL28191FRUZ-T7 Datasheet
1Mb / 16P
   Low Distortion Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28191FRUZ-T7 RENESAS-ISL28191FRUZ-T7 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
More results

Description similaire - ISL28191FRUZ-TK

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
ISL28190 INTERSIL-ISL28190_08 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
logo
Renesas Technology Corp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191_08 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Linear Technology
LTC6244 LINER-LTC6244 Datasheet
455Kb / 24P
   Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
LTC6244 LINER-LTC6244_15 Datasheet
364Kb / 26P
   Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com