Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28166 Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL28166
Description  39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28166 Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL28166 Datasheet HTML 1Page - Intersil Corporation ISL28166 Datasheet HTML 2Page - Intersil Corporation ISL28166 Datasheet HTML 3Page - Intersil Corporation ISL28166 Datasheet HTML 4Page - Intersil Corporation ISL28166 Datasheet HTML 5Page - Intersil Corporation ISL28166 Datasheet HTML 6Page - Intersil Corporation ISL28166 Datasheet HTML 7Page - Intersil Corporation ISL28166 Datasheet HTML 8Page - Intersil Corporation ISL28166 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN6155.2
February 27, 2007
IO+
Short-Circuit Output Current
RL = 10Ω
28
23
31
mA
IO-
Short-Circuit Output Current
RL = 10Ω
24
18
26
mA
VSUPPLY
Supply Operating Range
Guaranteed by PSRR test
2.4
5
V
VINH
Enable Pin High Level
2
V
VINL
Enable Pin Low Level
0.8
V
IENH
Enable Pin Input Current
VEN = 5V
0.7
1
1.2
1.2
µA
IENL
Enable Pin Input Current
VEN = 0V
10
16
25
30
nA
tEN
Enable to output on-state delay time
(ISL28166)
Vout = 1V (enable state); VEN = High to
Low
10.8
µs
tEN
Enable to output off-state delay time
(ISL28166)
Vout = OV (disabled state) VEN = Low to
High
0.1
µs
Electrical Specifications
V+ = 5V, V- = 0V,VCM = 2.5V, TA = +25°C unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C, temperature data guaranteed by
characterization
. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. GAIN vs FREQUENCY vs RL
FIGURE 2. GAIN vs FREQUENCY vs CL
FIGURE 3. CLOSED LOOP GAIN vs FREQUENCY
FIGURE 4. GAIN vs FREQUENCY vs VS
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
1k
10k
100k
1M
FREQUENCY (Hz)
RL = 1k
RL = 10k
RL = 100k
AV = 1
CL = 16.3pF
VOUT = 10mVPP
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
FREQUENCY (Hz)
CL = 63.3pF
CL = 55.3pF
CL = 49.3pF
CL = 43.3pF
CL = 38.3pF
CL = 34.3pF
AV = 1
RL = 10k
VOUT = 10mVPP
1k
10k
100k
1M
-10
0
10
20
30
40
50
60
70
FREQUENCY (Hz)
Rf = 1M, Rg = 1k, RL = 10k
Rf = 9.09, Rg = 1k, RL = INF
Rf = 0, Rg = INF, RL = 10k
RL = 10k
CL = 16.3pF
VOUT = 10mVPP
Rf = 100k, Rg = 1k, RL = 10k
1k
10k
100k
1M
100
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
1k
10k
100k
1M
FREQUENCY (Hz)
VS = 2.4V
VS = 5V
AV = 1
RL = 10k
VOUT = 10mVPP
ISL28166, ISL28266


Numéro de pièce similaire - ISL28166

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28166 INTERSIL-ISL28166 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
logo
Renesas Technology Corp
ISL28166 RENESAS-ISL28166 Datasheet
965Kb / 11P
   39μA Micropower Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amp
January 16, 2014
ISL28166EVAL1Z RENESAS-ISL28166EVAL1Z Datasheet
965Kb / 11P
   39μA Micropower Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amp
January 16, 2014
logo
Intersil Corporation
ISL28166FHZ-T7 INTERSIL-ISL28166FHZ-T7 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
More results

Description similaire - ISL28166

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28166 INTERSIL-ISL28166_08 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28166 RENESAS-ISL28166 Datasheet
965Kb / 11P
   39μA Micropower Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amp
January 16, 2014
logo
Intersil Corporation
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
logo
Renesas Technology Corp
ISL28156 RENESAS-ISL28156 Datasheet
1Mb / 13P
   39μA Micropower Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amp
January 16, 2014
ISL28138 RENESAS-ISL28138 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com