Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL24003 Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL24003
Description  Multi-Channel Buffers Plus VCOM Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24003 Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL24003 Datasheet HTML 1Page - Intersil Corporation ISL24003 Datasheet HTML 2Page - Intersil Corporation ISL24003 Datasheet HTML 3Page - Intersil Corporation ISL24003 Datasheet HTML 4Page - Intersil Corporation ISL24003 Datasheet HTML 5Page - Intersil Corporation ISL24003 Datasheet HTML 6Page - Intersil Corporation ISL24003 Datasheet HTML 7Page - Intersil Corporation ISL24003 Datasheet HTML 8Page - Intersil Corporation ISL24003 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
FN6118.0
December 7, 2005
NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS+ and VS-. . . . . . . . . . . . . . . . . . . .+18V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . VS- -0.5V, VS+ +0.5V
Maximum Continuous Output Current (VOUT1-18) . . . . . . . . . 10mA
Maximum Continuous Output Current (VOUTA). . . . . . . . . . . . 60mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VS+ = +15V, VS- = 0, RL = 10kΩ, CL = 10pF to 0V, TA = 25°C unless otherwise specified
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS (REFERENCE BUFFERS)
VOS
Input Offset Voltage
VCM = 0V
2
20
mV
TCVOS
Average Offset Voltage Drift
(Note 1)
5
µV/
°C
IB
Input Bias Current
VCM = 0V
2
50
nA
RIN
Input Impedance
10
M
CIN
Input Capacitance
1.35
pF
AV
Voltage Gain
1V
≤ VOUT ≤ 14V
0.992
1.008
V/V
CMIR
Input Voltage Range
IN1 to IN9
1.5
VS+V
IN10 to IN18
0
VS+
-1.5
V
INPUT CHARACTERISTICS (VCOM BUFFER)
VOS
Input Offset Voltage
VCM = 7.5V
1
15
mV
TCVOS
Average Offset Voltage Drift
(Note 1)
3
µV/
°C
IB
Input Bias Current
VCM = 7.5V
2
50
nA
RIN
Input Impedance
10
M
CIN
Input Capacitance
1.35
pF
VREG
Load Regulation
VCOM = 7.5V, -60mA < IL < 60mA
-25
+20
mV
CMIRCOM
Input Voltage Range VCOM
0VS+V
AVOL
Open Loop Gain
RL = 1kΩ
55
70
dB
CMRR
Common Mode Rejection Ratio
50
65
dB
OUTPUT CHARACTERISTICS (REFERENCE BUFFERS)
VOH
High Output Voltage - (Output 1-2)
VIN = 15V, IO = 5mA
14.85
14.9
V
High Output Voltage - (Output 3-9)
14.8
14.85
V
High Output Voltage - (Output 10-18)
VIN = 13.5V, IO = 5mA
13.45
13.5
VOL
Low Output Voltage - (Output 1-9)
VIN = 1.5V, IO = 5mA
1.5
1.55
V
Low Output Voltage - (Output 10-16)
VIN = 0V, IO = 5mA
150
200
mV
Low Output Voltage - (Output 17-18)
100
150
mV
ISC
Short Circuit Current
100
130
mA
OUTPUT CHARACTERISTICS (VCOM BUFFER)
VOH
High Level Saturated Output Voltage
VS+ = 15V, IO = -5mA, VI = 15V
14.85
14.9
V
VOL
Low Level Saturated Output Voltage
VS+ = 15V, IO = -5mA, VI = 0V
0.1
0.15
V
ISC
Short Circuit Current
150
180
mA
ISL24003


Numéro de pièce similaire - ISL24003

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL24003 RENESAS-ISL24003 Datasheet
698Kb / 10P
   Multi-Channel Buffers Plus VCOM Driver
ISL24003IRZ RENESAS-ISL24003IRZ Datasheet
698Kb / 10P
   Multi-Channel Buffers Plus VCOM Driver
ISL24003IRZ-T7 RENESAS-ISL24003IRZ-T7 Datasheet
698Kb / 10P
   Multi-Channel Buffers Plus VCOM Driver
More results

Description similaire - ISL24003

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL24003 RENESAS-ISL24003 Datasheet
698Kb / 10P
   Multi-Channel Buffers Plus VCOM Driver
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
logo
Renesas Technology Corp
EL5524 RENESAS-EL5524 Datasheet
617Kb / 11P
   Integrated Buffers with VCOM
logo
Intersil Corporation
EL5524 INTERSIL-EL5524 Datasheet
380Kb / 11P
   Integrated Buffers with VCOM
logo
Analog Devices
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
logo
Intersil Corporation
EL5129 INTERSIL-EL5129 Datasheet
848Kb / 13P
   Multi-Channel Buffers
logo
Renesas Technology Corp
EL5129 RENESAS-EL5129 Datasheet
1,016Kb / 13P
   Multi-Channel Buffers
logo
Analog Devices
ADD8707 AD-ADD8707 Datasheet
654Kb / 20P
   12-Channel Gamma Buffers with VCOM and Regulator
REV. A
ADD8707 AD-ADD8707_15 Datasheet
661Kb / 20P
   12-Channel Gamma Buffers with VCOM and Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com