Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL43840IRZ Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL43840IRZ
Description  Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43840IRZ Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL43840IRZ Datasheet HTML 1Page - Intersil Corporation ISL43840IRZ Datasheet HTML 2Page - Intersil Corporation ISL43840IRZ Datasheet HTML 3Page - Intersil Corporation ISL43840IRZ Datasheet HTML 4Page - Intersil Corporation ISL43840IRZ Datasheet HTML 5Page - Intersil Corporation ISL43840IRZ Datasheet HTML 6Page - Intersil Corporation ISL43840IRZ Datasheet HTML 7Page - Intersil Corporation ISL43840IRZ Datasheet HTML 8Page - Intersil Corporation ISL43840IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN6056.2
March 13, 2006
Absolute Maximum Ratings
Thermal Information
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to15V
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to15V
V- to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -15 to 0.3V
Input Voltages
EN, NO, ADD (Note 1) . . . . . . . . . . . . . . . . . -0.3 to ((V+) + 0.3V)
Output Voltages
COM (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to ((V+) + 0.3V)
Continuous Current (Any Terminal) . . . . . . . . . . . . . . . . . . . .
±30mA
Peak Current NO, NC, or COM
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . .
±100mA
Operating Conditions
Temperature Range
ISL43840IR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to 85°C
Thermal Resistance (Typical, Note 2)
θJA (°C/W)
20 Ld 4x4 QFN Package . . . . . . . . . . . . . . . . . . . . .
45
Maximum Junction Temperature (Plastic Package). . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Signals on NO, COM, ADD, or EN exceeding V+ or V- are clamped by internal diodes. Limit forward diode current to maximum current ratings.
2.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications: ±5V SupplyTest Conditions: VSUPPLY = ±4.5V to ±5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 3),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 4)
MIN
TYP
(NOTE 4)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
V-
-
V+
V
ON Resistance, RON
VS = ±4.5V, ICOM = 2mA, VNO = 3V, (See Figure 5)
25
-
44
50
Full
-
-
80
RON Matching Between Channels,
∆RON
VS = ±4.5V, ICOM = 2mA, VNO = 3V, (Note 5)
25
-
1.3
4
Full
-
-
6
RON Flatness, RFLAT(ON)
VS = ±4.5V, ICOM = 2mA, VNO = ±3V, 0V, (Note 6)
25
-
7.5
9
Full
-
-
12
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
VS = ±5.5V, VCOM = ±4.5V, VNO = +4.5V, (Note 7)
25
-0.1
0.002
0.1
nA
Full
-2.5
-
2.5
nA
COM OFF Leakage Current,
ICOM(OFF)
VS = ±5.5V, VCOM = ±4.5V, VNO = +4.5V, (Note 7)
25
-0.1
0.002
0.1
nA
Full
-2.5
-
2.5
nA
COM ON Leakage Current,
ICOM(ON)
VS = ±5.5V, VCOM = VNO = ±4.5V, (Note 7)
25
-0.1
0.002
0.1
nA
Full
-2.5
-
2.5
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VENH, VADDH
Full
2.4
-
-
V
Input Voltage Low, VENL, VADDL
Full
-
-
0.8
V
Input Current, IENH, IENL, IADDH,
IADDL
VS = ±5.5V, VENH, VADD = 0V or V+
Full
-0.5
0.03
0.5
µA
DYNAMIC CHARACTERISTICS
Enable Turn-ON Time, tON
VS = ±4.5V, VNO = ±3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3, (See Figure 1)
25
-
35
50
ns
Full
-
-
60
ns
Enable Turn-OFF Time, tOFF
VS = ±4.5V, VNO = ±3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3, (See Figure 1)
25
-
22
35
ns
Full
-
-
40
ns
ISL43840


Numéro de pièce similaire - ISL43840IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL43840IRZ INTERSIL-ISL43840IRZ Datasheet
474Kb / 14P
   Low-Voltage, Single and Dual Supply,Dual 4 to 1 Multiplexer Analog Switch with Enable
March 13, 2006
logo
Renesas Technology Corp
ISL43840IRZ RENESAS-ISL43840IRZ Datasheet
757Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
More results

Description similaire - ISL43840IRZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL43840 INTERSIL-ISL43840 Datasheet
505Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
logo
Renesas Technology Corp
ISL43840 RENESAS-ISL43840 Datasheet
757Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
logo
Intersil Corporation
ISL43840IR INTERSIL-ISL43840IR Datasheet
474Kb / 14P
   Low-Voltage, Single and Dual Supply,Dual 4 to 1 Multiplexer Analog Switch with Enable
March 13, 2006
logo
Renesas Technology Corp
ISL43841 RENESAS-ISL43841 Datasheet
892Kb / 15P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
logo
Intersil Corporation
ISL43841 INTERSIL-ISL43841 Datasheet
492Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
ISL43841 INTERSIL-ISL43841_04 Datasheet
490Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
ISL84051_0710 INTERSIL-ISL84051_0710 Datasheet
443Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL84051 RENESAS-ISL84051 Datasheet
919Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
logo
Intersil Corporation
ISL84051 INTERSIL-ISL84051_07 Datasheet
441Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
ISL84053IAZ-T INTERSIL-ISL84053IAZ-T Datasheet
784Kb / 19P
   Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com