Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL43231 Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL43231
Description  Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43231 Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL43231 Datasheet HTML 1Page - Intersil Corporation ISL43231 Datasheet HTML 2Page - Intersil Corporation ISL43231 Datasheet HTML 3Page - Intersil Corporation ISL43231 Datasheet HTML 4Page - Intersil Corporation ISL43231 Datasheet HTML 5Page - Intersil Corporation ISL43231 Datasheet HTML 6Page - Intersil Corporation ISL43231 Datasheet HTML 7Page - Intersil Corporation ISL43231 Datasheet HTML 8Page - Intersil Corporation ISL43231 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN6054.2
February 27, 2006
DYNAMIC CHARACTERISTICS
Enable Turn-ON Time, tON
VS = ±4.5V, VNO or VNC = ±3V, RL =300Ω, CL = 35pF,
VIN = 0 to 3 (See Figure 1)
25
-
35
50
ns
Full
-
-
60
ns
Enable Turn-OFF Time, tOFF
VS = ±4.5V, VNO or VNC = ±3V, RL =300Ω, CL = 35pF,
VIN = 0 to 3 (See Figure 1)
25
-
22
35
ns
Full
-
-
40
ns
Address Transition Time, tTRANS
VS = ±4.5V, VNO or VNC = ±3V, RL =300Ω, CL = 35pF,
VIN = 0 to 3 (See Figure 1)
25
-
43
60
ns
Full
-
-
70
ns
Break-Before-Make Time, tBBM
VS = ±5.5V, VNO or VNC = 3V, RL = 300Ω, CL = 35pF,
VIN = 0 to 3V (See Figure 3)
Full
2
7
-
ns
Latch Setup Time, tS
(See Figure 4)
25
25
-
-
ns
Full
35
-
-
ns
Latch Hold Time, tH
(See Figure 4)
25
0
-
-
ns
Full
0
-
-
ns
Latch Pulse Width, tWPW
(See Figure 4)
25
15
-
-
ns
Full
25
-
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω (See Figure 2)
25
-
0.3
1
pC
NO/NC OFF Capacitance, COFF
f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 8)
25
-
3
-
pF
COM OFF Capacitance, COFF
f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 8)
25
-
9
-
pF
COM ON Capacitance, CCOM(ON) f = 1MHz, VNO or VNC = VCOM = 0V (See Figure 8)
25
-
14
-
pF
OFF Isolation
RL = 50Ω, CL = 15pF, f = 100kHz,
VNOx or VNCx = 1VRMS (See Figures 5, 7 and 20)
25
-
92
-
dB
Crosstalk (Note 8)
25
-
<-110
-
dB
All Hostile Crosstalk (Note 8)
25
-
-105
1.5
dB
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
±2-
±6V
Positive Supply Current, I+
VS = ±5.5V, VINH, VADD = 0V or V+, Switch On or Off
Full
-7
-
7
µA
Negative Supply Current, I-
Full
-1
-
1
µA
NOTES:
3. VIN = Input logic voltage to configure the device in a given state.
4. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
5.
∆RON = RON (MAX) - RON (MIN).
6. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
7. Leakage parameter is 100% tested at high temp, and guaranteed by correlation at 25°C.
8. Between any two switches.
Electrical Specifications +12V Supply
Test Conditions: V+ = +10.8V to +13.2V, GND = 0V, VINH = 4V, VINL = 0.8V (Note 3),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 4)
MIN
TYP
(NOTE 4)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
Electrical Specifications ±5V SupplyTest Conditions: VSUPPLY = ±4.5V to ±5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 3),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 4)
MIN
TYP
(NOTE 4)
MAX
UNITS
ISL43231


Numéro de pièce similaire - ISL43231

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL43231 INTERSIL-ISL43231 Datasheet
537Kb / 15P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
ISL43231 INTERSIL-ISL43231 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL43231 RENESAS-ISL43231 Datasheet
938Kb / 16P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
logo
Intersil Corporation
ISL43231IR INTERSIL-ISL43231IR Datasheet
537Kb / 15P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL43231IRZ RENESAS-ISL43231IRZ Datasheet
938Kb / 16P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
More results

Description similaire - ISL43231

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL43231 INTERSIL-ISL43231 Datasheet
537Kb / 15P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL43231 RENESAS-ISL43231 Datasheet
938Kb / 16P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX4736 MAXIM-MAX4736 Datasheet
332Kb / 11P
   0.8?? Low-Voltage, Single-Supply, Dual SPDT Analog Switch
Rev 0; 4/02
logo
ON Semiconductor
NLAS4599 ONSEMI-NLAS4599_11 Datasheet
132Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
March, 2011 ??Rev. 11
NLAST4599 ONSEMI-NLAST4599_17 Datasheet
133Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
August, 2017 ??Rev. 9
NLAST4599 ONSEMI-NLAST4599 Datasheet
120Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
November, 2002 - Rev. 6
NLAST4599 ONSEMI-NLAST4599_06 Datasheet
138Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
May, 2006 ??Rev. 8
NLAS4599 ONSEMI-NLAS4599 Datasheet
100Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
June, 2006 ??Rev. 9
logo
Intersil Corporation
ISL43210 INTERSIL-ISL43210_07 Datasheet
304Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL43210 RENESAS-ISL43210 Datasheet
625Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com