Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4070BC Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce CD4070BC
Description  Quad 2-Input EXCLUSIVE-OR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4070BC Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  CD4070BC Datasheet HTML 1Page - Fairchild Semiconductor CD4070BC Datasheet HTML 2Page - Fairchild Semiconductor CD4070BC Datasheet HTML 3Page - Fairchild Semiconductor CD4070BC Datasheet HTML 4Page - Fairchild Semiconductor CD4070BC Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics (Note 4)
TA = 25°C, CL = 50 pF, RL = 200k, tr and tf ≤ 20 ns, unless otherwise specified
Note 4: AC Parameters are guaranteed by DC correlated testing.
Note 5: CPD determines the no load AC power consumption of any CMOS device. For complete explanation, see 74C Family Characteristics Application
Note—AN-90.
Typical Performance Characteristics
Propagation Delay Time vs. Load Capacitance
AC Test Circuit and Switching Time Waveforms
Note: Delays measured with input tr, tf = 20 ns.
tr = tf = 20 ns
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL or
Propagation Delay Time
VDD = 5V
110
185
ns
tPLH
from Input to Output
VDD = 10V
50
90
VDD = 15V
40
75
tTHL or
Transition Time
VDD = 5V
100
200
ns
tTLH
VDD = 10V
50
100
VDD = 15V
40
80
CIN
Average Input Capacitance
Any Input
5
7.5
pF
CPD
Power Dissipation Capacitance
Any Input (Note 5)
20
pF


Numéro de pièce similaire - CD4070BC

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
CD4070BC NSC-CD4070BC Datasheet
121Kb / 6P
   Quad 2-Input EXCLUSIVE-OR, NOR Gate
logo
Fairchild Semiconductor
CD4070BC FAIRCHILD-CD4070BC Datasheet
53Kb / 5P
   Quad 2-Input EXCLUSIVE-OR Gate
logo
National Semiconductor ...
CD4070BCM NSC-CD4070BCM Datasheet
121Kb / 6P
   Quad 2-Input EXCLUSIVE-OR, NOR Gate
logo
Fairchild Semiconductor
CD4070BCM FAIRCHILD-CD4070BCM Datasheet
53Kb / 5P
   Quad 2-Input EXCLUSIVE-OR Gate
logo
National Semiconductor ...
CD4070BCN NSC-CD4070BCN Datasheet
121Kb / 6P
   Quad 2-Input EXCLUSIVE-OR, NOR Gate
More results

Description similaire - CD4070BC

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
   Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
   Quad 2-Input Exclusive-OR Gate
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
   QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
   Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
   Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
   QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
logo
NXP Semiconductors
74LV86 PHILIPS-74LV86 Datasheet
103Kb / 10P
   Quad 2-input EXCLUSIVE-OR gate
1998 Apr 20
logo
System Logic Semiconduc...
SL74LS86 SLS-SL74LS86 Datasheet
29Kb / 3P
   Quad 2-Input Exclusive OR Gate
logo
Fairchild Semiconductor
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
   Quad 2-Input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74AC86 HITACHI-HD74AC86 Datasheet
43Kb / 7P
   Quad 2-Input Exclusive-OR-Gate
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com