Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55C3V6 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce BZX55C3V6
Description  Zeners
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BZX55C3V6 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  BZX55C3V6 Datasheet HTML 1Page - Fairchild Semiconductor BZX55C3V6 Datasheet HTML 2Page - Fairchild Semiconductor BZX55C3V6 Datasheet HTML 3Page - Fairchild Semiconductor BZX55C3V6 Datasheet HTML 4Page - Fairchild Semiconductor BZX55C3V6 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
BZX55C2V4 - BZX55C91 Rev. C1
Top Mark Information
Device
Line 1
Line 2
Line 3
Line 4
BZX55C2V4
BZX55C2V7
BZX55C3V0
BZX55C3V3
BZX55C3V6
LOGO
LOGO
LOGO
LOGO
LOGO
55C
55C
55C
55C
55C
2V4
2V7
3V0
3V3
3V6
XY
XY
XY
XY
XY
BZX55C3V9
BZX55C4V3
BZX55C4V7
BZX55C5V1
BZX55C5V6
LOGO
LOGO
LOGO
LOGO
LOGO
55C
55C
55C
55C
55C
3V9
4V3
4V7
5V1
5V6
XY
XY
XY
XY
XY
BZX55C6V2
BZX55C6V8
BZX55C7V5
BZX55C8V2
BZX55C9V1
LOGO
LOGO
LOGO
LOGO
LOGO
55C
55C
55C
55C
55C
6V2
6V8
7V5
8V2
9V1
XY
XY
XY
XY
XY
BZX55C10
BZX55C11
BZX55C12
BZX55C13
BZX55C15
LOGO
LOGO
LOGO
LOGO
LOGO
55C
55C
55C
55C
55C
10
11
12
13
15
XY
XY
XY
XY
XY
BZX55C16
BZX55C18
BZX55C20
BZX55C22
BZX55C24
LOGO
LOGO
LOGO
LOGO
LOGO
55C
55C
55C
55C
55C
16
18
20
22
24
XY
XY
XY
XY
XY
BZX55C27
BZX55C30
BZX55C33
BZX55C36
BZX55C39
LOGO
LOGO
LOGO
LOGO
LOGO
55C
55C
55C
55C
55C
27
30
33
36
39
XY
XY
XY
XY
XY
BZX55C43
BZX55C47
BZX55C51
BZX55C56
BZX55C62
LOGO
LOGO
LOGO
LOGO
LOGO
55C
55C
55C
55C
55C
43
47
51
56
62
XY
XY
XY
XY
XY
BZX55C68
BZX55C75
BZX55C82
BZX55C91
LOGO
LOGO
LOGO
LOGO
55C
55C
55C
55C
68
75
82
91
XY
XY
XY
XY


Numéro de pièce similaire - BZX55C3V6

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
BZX55C3V6 KEXIN-BZX55C3V6 Datasheet
1Mb / 3P
   Zener Diodes
logo
Vishay Siliconix
BZX55C3V6 VISHAY-BZX55C3V6 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Microdiode Electronics ...
BZX55C3V6 CHENDA-BZX55C3V6 Datasheet
748Kb / 3P
   2.4- 1 8 0V Peak Pulse Power: 500mW
logo
Chongqing Pingwei Enter...
BZX55C3V6 CHONGQING-BZX55C3V6 Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Fairchild Semiconductor
BZX55C3V6 FAIRCHILD-BZX55C3V6 Datasheet
166Kb / 4P
   BZX55C2V4 - BZX55C56 Zener Diodes
More results

Description similaire - BZX55C3V6

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com