Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA5230FE Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce SA5230FE
Description  Low voltage operational amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5230FE Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button SA5230FE Datasheet HTML 5Page - NXP Semiconductors SA5230FE Datasheet HTML 6Page - NXP Semiconductors SA5230FE Datasheet HTML 7Page - NXP Semiconductors SA5230FE Datasheet HTML 8Page - NXP Semiconductors SA5230FE Datasheet HTML 9Page - NXP Semiconductors SA5230FE Datasheet HTML 10Page - NXP Semiconductors SA5230FE Datasheet HTML 11Page - NXP Semiconductors SA5230FE Datasheet HTML 12Page - NXP Semiconductors SA5230FE Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Philips Semiconductors
Product specification
NE/SA5230
Low voltage operational amplifier
1994 Aug 31
9
V+
V–
+
NE5230
OTHER
PARTS
V+
V–
V+
V–
V+
V–
SL00254
Figure 5. In a Non-Inverting Voltage-Follower Configuration,
the NE5230 will Give Full Rail-to-Rail Swing. Other Low Voltage
Amplifiers will not Because they are Limited by their Input
Common-Mode Range and Output Swing Capability.
There are not as many considerations when designing with the
NE5230 as with other devices. Since the NE5230 is
internally-compensated and has a unity gain-bandwidth of 600kHz,
board layout is not so stringent as for very high frequency devices
such as the NE5205. The output capability of the NE5230 allows it
to drive relatively high capacitive loads and small resistive loads.
The power supply pins should be decoupled with a low-pass RC
network as close to the supply pins as possible to eliminate 60Hz
and other external power line noise, although the power supply
rejection ratio (PSRR) for the part is very high. The pinout for the
NE5230 is the same as the standard single op amp pinout with the
exception of the bias current adjusting pin.
REMOTE TRANSDUCER WITH CURRENT
TRANSMISSION
There are many ways to transmit information along two wires, but
current transmission is the most beneficial when the sensing of
remote signals is the aim. It is further enhanced in the form of 4 to
20mA information which is used in many control-type systems. This
method of transmission provides immunity from line voltage drops,
large load resistance variations, and voltage noise pickup. The zero
reference of 4mA not only can show if there is a break in the line
when no current is flowing, but also can power the transducer at the
remote location. Usually the transducer itself is not equipped to
provide for the current transmission. The unique features of the
NE5230 can provide high output current capability coupled with low
power consumption. It can be remotely connected to the transducer
to create a current loop with minimal external components. The
circuit for this is shown in Figure 6. Here, the part is configured as a
voltage-to-current, or transconductance amplifier. This is a novel
circuit that takes advantage of the NE5230’s large open-loop gain.
In AC applications, the load current will decrease as the open-loop
gain rolls off in magnitude. The low offset voltage and current
sinking capabilities of the NE5230 must also be considered in this
application.
a. The NE5230 as a Remote Transducer Transconductance
Amp With 4-20mA Current Transmission Output Capability
b. The Same Type of Circuit as Figure 5a, but for Sourcing
Current to the Load
T
R
A
N
S
D
U
C
E
R
V
REMOTE
POWER
SUPPLY
NE5230
VCC
VEE
VIN
IOUT
3
2
4
5
6
7
+
RC
RL
+
NOTES:
1. IOUT = VIN/RC
2. RL MAX ≈
V
REMOTE *
1.8V
* V
INMAX
I
OUT
For RC = 1Ω
I
OUT
4mA
20mA
V
IN
4mV
20mV
VCC
NE5230
3
2
4
5
6
7
+
VEE
+ IOUT
+
VIN
RC
RL
VCC
+
SL00255
Figure 6.


Numéro de pièce similaire - SA5230FE

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
SA5230 ONSEMI-SA5230 Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
SA5230 ONSEMI-SA5230 Datasheet
211Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
SA5230D ONSEMI-SA5230D Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
SA5230DG ONSEMI-SA5230DG Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
SA5230DG ONSEMI-SA5230DG Datasheet
211Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
More results

Description similaire - SA5230FE

FabricantNo de pièceFiches techniqueDescription
logo
TOKO, Inc
TK17010 TOKO-TK17010 Datasheet
47Kb / 8P
   LOW VOLTAGE OPERATIONAL AMPLIFIER
logo
ON Semiconductor
NE5230 ONSEMI-NE5230_10 Datasheet
211Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
NE5230 ONSEMI-NE5230 Datasheet
245Kb / 18P
   Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07 Datasheet
66Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
AMSOP-07 ADMOS-AMSOP-07_1 Datasheet
62Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
TAITRON Components Inco...
LMV358 TAITRON-LMV358 Datasheet
1Mb / 18P
   Dual Low Voltage Operational Amplifier
logo
Maxim Integrated Produc...
OP07 MAXIM-OP07 Datasheet
262Kb / 8P
   Low Offset Voltage Operational Amplifier
Rev 1; 8/95
MAX400 MAXIM-MAX400 Datasheet
151Kb / 4P
   Ultra Low Offset Voltage Operational Amplifier
Rev 0; 1988
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
   Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
logo
New Japan Radio
NJU7021 NJRC-NJU7021 Datasheet
204Kb / 6P
   LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com