Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL8483E Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL8483E
Description  ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8483E Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL8483E_05 Datasheet HTML 1Page - Intersil Corporation ISL8483E_05 Datasheet HTML 2Page - Intersil Corporation ISL8483E_05 Datasheet HTML 3Page - Intersil Corporation ISL8483E_05 Datasheet HTML 4Page - Intersil Corporation ISL8483E_05 Datasheet HTML 5Page - Intersil Corporation ISL8483E_05 Datasheet HTML 6Page - Intersil Corporation ISL8483E_05 Datasheet HTML 7Page - Intersil Corporation ISL8483E_05 Datasheet HTML 8Page - Intersil Corporation ISL8483E_05 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
No-Load Supply Current, (Note 3)
ICC
ISL8485E, DI, RE = 0V
or VCC
DE = VCC
Full
-
700
900
µA
DE = 0V
Full
-
500
565
µA
ISL8483E, DI, RE = 0V
or VCC
DE = VCC
Full
-
470
650
µA
DE = 0V
Full
-
160
250
µA
Shutdown Supply Current
ISHDN
ISL8483E, DE = 0V, RE = VCC, DI = 0V or VCC
Full
-
1
50
nA
Driver Short-Circuit Current,
VO = High or Low
IOSD1
DE = VCC, -7V ≤ VY or VZ ≤ 12V, (Note 4)
Full
35
-
250
mA
Receiver Short-Circuit Current
IOSR
0V
≤ VO ≤ VCC
Full
7
-
85
mA
SWITCHING CHARACTERISTICS (ISL8485E)
Driver Input to Output Delay
tPLH, tPHL RDIFF = 54Ω, CL = 100pF, (Figure 2)
Full
18
30
50
ns
Driver Output Skew
tSKEW
RDIFF = 54Ω, CL = 100pF, (Figure 2)
Full
-
2
10
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω, CL = 100pF, (Figure 2)
Full
3
11
25
ns
Driver Enable to Output High
tZH
CL = 100pF, SW = GND, (Figure 3)
Full
-
17
70
ns
Driver Enable to Output Low
tZL
CL = 100pF, SW = VCC, (Figure 3)
Full
-
14
70
ns
Driver Disable from Output High
tHZ
CL = 15pF, SW = GND, (Figure 3)
Full
-
19
70
ns
Driver Disable from Output Low
tLZ
CL = 15pF, SW = VCC, (Figure 3)
Full
-
13
70
ns
Receiver Input to Output Delay
tPLH, tPHL (Figure 4)
Full
30
40
150
ns
Receiver Skew | tPLH - tPHL |tSKD
(Figure 4)
25
-
5
-
ns
Receiver Enable to Output High
tZH
CL = 15pF, SW = GND, (Figure 5)
Full
-
9
50
ns
Receiver Enable to Output Low
tZL
CL = 15pF, SW = VCC, (Figure 5)
Full
-
9
50
ns
Receiver Disable from Output High
tHZ
CL = 15pF, SW = GND, (Figure 5)
Full
-
9
50
ns
Receiver Disable from Output Low
tLZ
CL = 15pF, SW = VCC, (Figure 5)
Full
-
9
50
ns
Maximum Data Rate
fMAX
(Note 11)
Full
5
-
-
Mbps
SWITCHING CHARACTERISTICS (ISL8483E)
Driver Input to Output Delay
tPLH, tPHL RDIFF = 54Ω, CL = 100pF, (Figure 2)
Full
250
800
2000
ns
Driver Output Skew
tSKEW
RDIFF = 54Ω, CL = 100pF, (Figure 2)
Full
-
160
800
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω, CL = 100pF, (Figure 2)
Full
250
800
2000
ns
Driver Enable to Output High
tZH
CL = 100pF, SW = GND, (Figure 3), (Note 5)
Full
250
-
2000
ns
Driver Enable to Output Low
tZL
CL = 100pF, SW = VCC, (Figure 3), (Note 5)
Full
250
-
2000
ns
Driver Disable from Output High
tHZ
CL = 15pF, SW = GND, (Figure 3)
Full
300
-
3000
ns
Driver Disable from Output Low
tLZ
CL = 15pF, SW = VCC, (Figure 3)
Full
300
-
3000
ns
Receiver Input to Output Delay
tPLH, tPHL (Figure 4)
Full
250
350
2000
ns
Receiver Skew | tPLH - tPHL |tSKD
(Figure 4)
25
-
25
-
ns
Receiver Enable to Output High
tZH
CL = 15pF, SW = GND, (Figure 5), (Note 6)
Full
-
10
50
ns
Receiver Enable to Output Low
tZL
CL = 15pF, SW = VCC, (Figure 5), (Note 6)
Full
-
10
50
ns
Receiver Disable from Output High
tHZ
CL = 15pF, SW = GND, (Figure 5)
Full
-
10
50
ns
Receiver Disable from Output Low
tLZ
CL = 15pF, SW = VCC, (Figure 5)
Full
-
10
50
ns
Maximum Data Rate
fMAX
(Note 11)
Full
250
-
-
kbps
Time to Shutdown
tSHDN
(Note 7)
Full
50
200
600
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) CL = 100pF, SW = GND, (Figure 3), (Notes 7, 8)
Full
-
-
2000
ns
Electrical Specifications
Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified.
Typicals are at VCC = 5V, TA = 25°C, (Note 2) (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNITS
ISL8483E, ISL8485E


Numéro de pièce similaire - ISL8483E_05

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL8483ECPZ INTERSIL-ISL8483ECPZ Datasheet
459Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483EIB INTERSIL-ISL8483EIB Datasheet
459Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483EIBZ INTERSIL-ISL8483EIBZ Datasheet
459Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483EIBZ RENESAS-ISL8483EIBZ Datasheet
856Kb / 15P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8483EIP INTERSIL-ISL8483EIP Datasheet
459Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results

Description similaire - ISL8483E_05

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL8483E INTERSIL-ISL8483E Datasheet
459Kb / 14P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483E RENESAS-ISL8483E Datasheet
856Kb / 15P
   ESD Protected to 짹15kV, 5V, Low Power, High Speed or Slew Rate Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
Renesas Technology Corp
ISL8488E RENESAS-ISL8488E Datasheet
727Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8483 INTERSIL-ISL8483 Datasheet
507Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8483 INTERSIL-ISL8483_06 Datasheet
574Kb / 16P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL8483 RENESAS-ISL8483 Datasheet
913Kb / 18P
   5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8488E INTERSIL-ISL8488E_07 Datasheet
468Kb / 13P
   짹15kV ESD Protected, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com