Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL5585GCR Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce ISL5585GCR
Description  3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5585GCR Fiches technique(HTML) 2 Page - Intersil Corporation

  ISL5585GCR Datasheet HTML 1Page - Intersil Corporation ISL5585GCR Datasheet HTML 2Page - Intersil Corporation ISL5585GCR Datasheet HTML 3Page - Intersil Corporation ISL5585GCR Datasheet HTML 4Page - Intersil Corporation ISL5585GCR Datasheet HTML 5Page - Intersil Corporation ISL5585GCR Datasheet HTML 6Page - Intersil Corporation ISL5585GCR Datasheet HTML 7Page - Intersil Corporation ISL5585GCR Datasheet HTML 8Page - Intersil Corporation ISL5585GCR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Ordering Information
PART NUMBER
HIGH BATTERY (VBH)
LONGITUDINAL
BALANCE
FULL
TEST
TEMP.
RANGE (°C)
PACKAGE
PKG. DWG. #
100V
85V
75V
58dB
53dB
ISL5585AIM
••
-40 to 85
28 Ld PLCC
N28.45
ISL5585AIMZ
(See Note)
••
-40 to 85
28 Ld PLCC
(Pb-free)
N28.45
ISL5585BIM
••
-40 to 85
28 Ld PLCC
N28.45
ISL5585BIMZ
(See Note)
••
-40 to 85
28 Ld PLCC
(Pb-free)
N28.45
ISL5585CIM
••
-40 to 85
28 Ld PLCC
N28.45
ISL5585CIMZ
(See Note)
••
-40 to 85
28 Ld PLCC
(Pb-free)
N28.45
ISL5585DIM
••
-40 to 85
28 Ld PLCC
N28.45
ISL5585DIMZ
(See Note)
••
-40 to 85
28 Ld PLCC
(Pb-free)
N28.45
ISL5585ECM
••
0 to 75
28 Ld PLCC
N28.45
ISL5585ECMZ
(See Note)
••
0 to 75
28 Ld PLCC
(Pb-free)
N28.45
ISL5585ECR
••
0 to 75
32 Pad QFN
L32.7x7*
ISL5585ECRZ
(See Note)
••
0 to 75
32 Pad QFN
(Pb-free)
L32.7x7*
ISL5585FCM
••
0 to 85
28 Ld PLCC
N28.45
ISL5585FCMZ
(See Note)
••
0 to 85
28 Ld PLCC
(Pb-free)
N28.45
ISL5585FCR
••
0 to 85
32 Pad QFN
L32.7x7*
ISL5585FCRZ
(See Note)
••
0 to 85
32 Pad QFN
(Pb-free)
L32.7x7*
ISL5585GCM
••
0 to 85
28 Ld PLCC
N28.45
ISL5585GCMZ
(See Note)
••
0 to 85
28 Ld PLCC
(Pb-free)
N28.45
ISL5585GCR
••
0 to 85
32 pad QFN
L32.7x7*
ISL5585GCRZ
(See Note)
••
0 to 85
32 pad QFN
(Pb-free)
L32.7x7*
ISL5585 XXX
Evaluation board platform, including CODEC.
Also available in Tape and Reel
*Reference “Special Considerations for the QFN Package” text.
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination
finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-
free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020C.
ISL5585


Numéro de pièce similaire - ISL5585GCR

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL5585GCR INTERSIL-ISL5585GCR Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Renesas Technology Corp
ISL5585GCR RENESAS-ISL5585GCR Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
ISL5585GCRZ RENESAS-ISL5585GCRZ Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
More results

Description similaire - ISL5585GCR

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Renesas Technology Corp
ISL5585 RENESAS-ISL5585 Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com