Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL43113IBZ-T Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL43113IBZ-T
Description  Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43113IBZ-T Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISL43113IBZ-T Datasheet HTML 3Page - Intersil Corporation ISL43113IBZ-T Datasheet HTML 4Page - Intersil Corporation ISL43113IBZ-T Datasheet HTML 5Page - Intersil Corporation ISL43113IBZ-T Datasheet HTML 6Page - Intersil Corporation ISL43113IBZ-T Datasheet HTML 7Page - Intersil Corporation ISL43113IBZ-T Datasheet HTML 8Page - Intersil Corporation ISL43113IBZ-T Datasheet HTML 9Page - Intersil Corporation ISL43113IBZ-T Datasheet HTML 10Page - Intersil Corporation ISL43113IBZ-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Typical Performance Curves TA = 25°C, VIH = V+, VIL = 0V, Unless Otherwise Specified
FIGURE 7. ON RESISTANCE vs SUPPLY VOLTAGE
FIGURE 8. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 9. CHARGE INJECTION vs SWITCH VOLTAGE
FIGURE 10. PSRR vs FREQUENCY
FIGURE 11. TURN - ON TIME vs SUPPLY VOLTAGE
FIGURE 12. TURN - OFF TIME vs SUPPLY VOLTAGE
1
234
56
0
50
100
150
VS (±V)
-40°C
85°C
ICOM = 1mA
VCOM = (V+) -1V
25
75
125
-40°C
25°C
VCOM (V)
-5
-2
0
2
4
5
-4
-3
-1
1
3
5
10
15
20
25
30
25°C
-40°C
85°C
VS = ±5V
10
15
20
25
30
25°C
-40°C
85°C
VS = ±3.3V
20
25
30
35
40
45
50
VS = ±1.5V
25°C
-40°C
85°C
ICOM = 1mA
-5
-4
-2
0
2
4
5
-40
-30
-20
-10
0
10
20
30
40
VCOM (V)
-3
-1
1
3
VS = ±1.5V
VS = ±3.3V
VS = ±5V
FREQUENCY (MHz)
1
10
100
1000
0.3
30
40
50
60
70
80
20
10
0
RL = 50Ω
VS = ±5.5V, SWITCH ON
VS = ±1.5V to ±5.5V, SWITCH OFF
VS = ±1.5V, SWITCH ON
VS (±V)
12345
6
100
30
40
50
60
70
80
90
100
120
-40°C
85°C
25°C
RL = 300Ω
VCOM = (V+) -1V
VIN = 0 to V+
VS (±V)
12345
6
10
20
30
40
50
60
70
80
85°C
-40°C
RL = 300Ω
VCOM = (V+) -1V
25°C
VIN = 0 to V+
ISL43112, ISL43113


Numéro de pièce similaire - ISL43113IBZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL43113IBZ-T INTERSIL-ISL43113IBZ-T Datasheet
274Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
July 2004
logo
Renesas Technology Corp
ISL43113IBZ-T RENESAS-ISL43113IBZ-T Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
More results

Description similaire - ISL43113IBZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL43112IB INTERSIL-ISL43112IB Datasheet
274Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
July 2004
ISL43112 INTERSIL-ISL43112 Datasheet
222Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43112 RENESAS-ISL43112 Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43110 INTERSIL-ISL43110 Datasheet
749Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
ISL43110 INTERSIL-ISL43110_05 Datasheet
366Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43110 RENESAS-ISL43110 Datasheet
757Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516 Datasheet
239Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
ISL84516 INTERSIL-ISL84516_05 Datasheet
256Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com