Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL5585FCMZ Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL5585FCMZ
Description  3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5585FCMZ Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL5585FCMZ Datasheet HTML 1Page - Intersil Corporation ISL5585FCMZ Datasheet HTML 2Page - Intersil Corporation ISL5585FCMZ Datasheet HTML 3Page - Intersil Corporation ISL5585FCMZ Datasheet HTML 4Page - Intersil Corporation ISL5585FCMZ Datasheet HTML 5Page - Intersil Corporation ISL5585FCMZ Datasheet HTML 6Page - Intersil Corporation ISL5585FCMZ Datasheet HTML 7Page - Intersil Corporation ISL5585FCMZ Datasheet HTML 8Page - Intersil Corporation ISL5585FCMZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
®
FN6026.6
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2002-2004. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL5585
3.3V Ringing SLIC Family for Voice Over
Broadband (VOB)
The 3.3V family of ringing subscriber line interface circuits
(SLIC) supports analog Plain Old Telephone Service (POTS)
in short and medium loop length, wireless and wireline voice
over broadband applications. Ideally suited for customer
premise equipment, this family of products offers flexibility to
designers with high ringing voltage and low power
consumption system requirements.
The ISL5585 family is capable of operating with 100V ringing
battery supply, which translates directly to the amount of
ringing voltage supplied to the subscriber. With the high
operating voltage, subscriber loop lengths can be extended
to 500
Ω (i.e., 5,000 feet) and beyond, allowing this family to
serve emerging Fiber In The Loop (FITL) markets.
Other key features across the product family include: 3.3V
VCC operation, low power consumption, ringing using
sinusoidal or trapezoidal waveforms, robust auto-detection
mechanisms for when subscribers go on or off hook, and
minimal external discrete application components.
Integrated test access features are also offered on selected
products to support loopback testing as well as line
measurement tests.
There are ten product offerings of the ISL5585 providing
various grades of ringing battery voltage and longitudinal
balance.
Block Diagram
Features
•3.3V Operation
• Onboard Ringing Generation
• Low Standby Power Consumption (75V, 65mW)
• Programmable Transient Current Limit
• Improved Off Hook Software Interface
• Integrated MTU DC Characteristics
• Low External Component Count
• Silent Polarity Reversal
• Pulse Metering and On Hook Transmission
• Tip Open Ground Start Operation
• Balanced and Unbalanced Ringing
• Thermal Shutdown with Alarm Indicator
• 28 Lead Surface Mount Packaging
• QFN Package:
- Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package Outline
- Near Chip Scale Package footprint, which improves
PCB efficiency and has a thinner profile
Pb-Free Available (RoHS Compliant)
Applications
• Short Loop Access Platforms
• Voice Over Internet Protocol (VoIP)
• Voice Over Cable and DSL Modems
• Internet Protocol PBX
• FiberTo The Home (FTTH)
• Remote Subscriber Units
• Ethernet Terminal Adapters
Related Literature
• AN1038, User’s Guide for Development Board
• AN9824, Modeling of the AC Loop
• TB379 Thermal Characterization of Packages for ICs
• AN9922, Thermal Characterization and Modeling of the
RSLIC18 in the Micro Leadframe Package
VRS
AUX
VTX
-IN
VFB
F2
F1
F0
ILIM
SW-
RT
DET ALM
2-WIRE
PORT
POL
CDC
VBH
VBL
BSEL SWC
TRANSIENT
CURRENT
LIMIT
SW+
TIP
RING
TL
SH E0
BATTERY
SWITCH
RINGING
PORT
4-WIRE
PORT
TEST
ACCESS
TRANSMIT
SENSING
CONTROL
LOGIC
DETECTOR
LOGIC
DC
CONTROL
Data Sheet
October 21, 2004


Numéro de pièce similaire - ISL5585FCMZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL5585FCMZ RENESAS-ISL5585FCMZ Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
More results

Description similaire - ISL5585FCMZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Renesas Technology Corp
ISL5585 RENESAS-ISL5585 Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com