Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL5585ECR Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISL5585ECR
Description  3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5585ECR Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISL5585ECR Datasheet HTML 3Page - Intersil Corporation ISL5585ECR Datasheet HTML 4Page - Intersil Corporation ISL5585ECR Datasheet HTML 5Page - Intersil Corporation ISL5585ECR Datasheet HTML 6Page - Intersil Corporation ISL5585ECR Datasheet HTML 7Page - Intersil Corporation ISL5585ECR Datasheet HTML 8Page - Intersil Corporation ISL5585ECR Datasheet HTML 9Page - Intersil Corporation ISL5585ECR Datasheet HTML 10Page - Intersil Corporation ISL5585ECR Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LOOP DETECTORS AND SUPERVISORY FUNCTIONS
Switch Hook Programming Range
5-
15
mA
Switch Hook Programming Accuracy
(1% programming resistor)
-10
-
+10
%
Dial Pulse Distortion
-1.0
-
%
Ring Trip Comparator Threshold
1.12
1.25
1.37
V
Ring Trip Programming Current Accuracy
(1% programming resistor)
-10
-
+10
%
Ground Key Threshold
-12-
mA
E0 Transition, DET Output Delay
-20-
µs
Thermal Alarm Output
IC Junction Temperature
-
175
-
°C
LOGIC INPUTS (F0, F1, F2, E0, SWC, BSEL)
Input Low Voltage
--
0.8
V
Input High Voltage
2.0
-
-
V
Input Low Current
VIL=0.4V
-20
-10
-
µA
Input High Current
VIH=2.4V
-
-
1
µA
LOGIC OUTPUTS (DET, ALM)
Output Low Voltage
IOL=1mA
-
.15
0.4
V
Output High Voltage
IOH=100µA2.4
2.8
-
V
SUPPLY CURRENTS
Low Power Standby, BSEL=1
ICC
-3.9
6.0
mA
IBH
-
0.66
0.90
mA
Forward or Reverse Active, BSEL=0
ICC
-4.9
6.5
mA
IBL
-1.2
2.5
mA
Forward Active, BSEL=1
ICC
-7.0
9.5
mA
IBL
-0.9
2.0
mA
IBH
-2.2
3.0
mA
Ringing, BSEL=1 (Balanced Ringing, 100)
ICC
-6.4
9.0
mA
IBL
-1.0
1.3
mA
IBH
-2.0
3.0
mA
Ringing, BSEL=1 (Unbalanced Ringing, 010) ICC
-9.3
9.0
mA
IBL
-1.0
1.3
mA
IBH
-2.4
3.0
mA
Forward Loopback, BSEL=0
ICC
-
10.3
13.5
mA
IBL
-
23.5
32
mA
Tip Open, BSEL=1
ICC
-3.8
5.5
mA
IBL
-0.4
1.0
mA
IBH
-0.6
1.0
mA
Electrical Specifications
Unless Otherwise Specified, TA = -40°C to 85°C for industrial (I) grade and TA = 0°C to 85°C for commercial (C)
grade, VBL = -24V, VBH = -100V, -85V or -75V, VCC = +3.3V, AGND = BGND = 0V, loop current limit = 25mA. All
AC transmission parameters are specified at 600W 2-wire terminating impedance over the frequency band of
300Hz to 3.4kHz. Protection resistors = 0W. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL5585


Numéro de pièce similaire - ISL5585ECR

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL5585ECR INTERSIL-ISL5585ECR Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Renesas Technology Corp
ISL5585ECR RENESAS-ISL5585ECR Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
ISL5585ECRZ RENESAS-ISL5585ECRZ Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
More results

Description similaire - ISL5585ECR

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Renesas Technology Corp
ISL5585 RENESAS-ISL5585 Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com