Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCW61A Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce BCW61A
Description  General Purpose Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BCW61A Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  BCW61A_01 Datasheet HTML 1Page - Fairchild Semiconductor BCW61A_01 Datasheet HTML 2Page - Fairchild Semiconductor BCW61A_01 Datasheet HTML 3Page - Fairchild Semiconductor BCW61A_01 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
Electrical Characteristics T
a=25°C unless otherwise noted
Marking Code
Symbol
Parameter
Test Condition
Min.
Max.
Units
BVCEO
Collector-Emitter Breakdown Voltage
IC= -2mA, IB=0
-32
BVEBO
Emitter-Base Breakdown Voltage
IE= -1µA, IC=0
-5
ICES
Collector Cut-off Current
VCB= -32V, VBE=0
-20
hFE
DC Current Gain
: BCW61B
: BCW61C
: BCW61D
: BCW61A
: BCW61B
: BCW61C
: BCW61D
: BCW61A
: BCW61B
: BCW61C
: BCW61D
VCE= -5V, IC= -10µA
VCE= -5V, IC= -2mA
VCE= -5V, IC= -50mA
20
40
100
120
140
250
380
60
80
100
100
220
310
460
630
V
V
nA
VCE (sat)
Collector-Emitter Saturation Voltage
IC= -50mA, IB= -1.25mA
IC= -10mA, IB= -0.25mA
-0.55
-0.25
V
V
VBE (sat)
Base-Emitter Saturation Voltage
IC= -50mA, IB= -1.25mA
IC= -10mA, IB= -0.25mA
0.68
0.6
1.05
0.85
V
V
VBE (on)
Base-Emitter On Voltage
VCE= -5V, IC= -2mA
0.6
0.75
V
Cob
Output Capacitance
VCB= -10V, IE=0
f=1MHz
6pF
NF
Noise Figure
IC= -0.2mA, VCE= -5V
RG=20KΩ, f=1KHz
6dB
tON
Turn On Time
IC= -10mA, IB1= -1mA
150
ns
tOFF
Turn Off Time
VBB= -3.6V, B22= -1mA
R1=R2=5.0K
Ω, R
L=990Ω
800
ns
Type
BCW61A
BCW61B
BCW61C
BCW61D
Mark.
BA
BB
BC
BD
BA
Marking


Numéro de pièce similaire - BCW61A_01

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BCW61A INFINEON-BCW61A_07 Datasheet
169Kb / 11P
   PNP Silicon AF Transistors
2007-10-18
More results

Description similaire - BCW61A_01

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com