Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC857 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce BC857
Description  PNP Epitaxial Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC857 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  BC857 Datasheet HTML 1Page - Fairchild Semiconductor BC857 Datasheet HTML 2Page - Fairchild Semiconductor BC857 Datasheet HTML 3Page - Fairchild Semiconductor BC857 Datasheet HTML 4Page - Fairchild Semiconductor BC857 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
BC856- BC860 Rev. B
tm
August 2006
BC856- BC860
PNP Epitaxial Silicon Transistor
Features
• Switching and Amplifier Applications
• Suitable for automatic insertion in thick and thin-film circuits
• Low Noise: BC859, BC860
• Complement to BC846 ... BC850
Absolute Maximum Ratings* T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics* T
a=25°C unless otherwise noted
* Pulse Test: Pulse Width
≤300µs, Duty Cycle≤2%
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BC856
: BC857/860
: BC858/859
-80
-50
-30
V
V
V
VCEO
Collector-Emitter Voltage
: BC856
: BC857/860
: BC858/859
-65
-45
-30
V
V
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current (DC)
-100
mA
PC
Collector Power Dissipation
310
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB= -30V, IE=0
-15
nA
hFE
DC Current Gain
VCE= -5V, IC= -2mA
110
800
VCE (sat)
Collector-Emitter Saturation Voltage IC= -10mA, IB= -0.5mA
IC= -100mA, IB= -5mA
-90
-250
-300
-650
mV
mV
VBE (sat)
Base-Emitter Saturation Voltage
IC= -10mA, IB= -0.5mA
IC= -100mA, IB= -5mA
-700
-900
mV
mV
VBE (on)
Base-Emitter On Voltage
VCE= -5V, IC= -2mA
VCE= -5V, IC= -10mA
-600
-660
-750
-800
mV
mV
fT
Current Gain Bandwidth Product
VCE= -5V, IC= -10mA
f=100MHz
150
MHz
Cob
Output Capacitance
VCB= -10V, IE=0, f=1MHz
6
pF
NF
Noise Figure
: BC856/857/858
: BC859/860
VCE= -5V, IC= -200µA
RG=2KΩ, f=1KHz
2
1
10
4
dB
dB
: BC859
: BC860
VCE= -5V, IC= -200µA
RG=2KΩ, f=30~15000Hz
1.2
1.2
4
2
dB
dB
1. Base 2. Emitter 3. Collector
SOT-23
1
2
3


Numéro de pièce similaire - BC857

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
BC857 KEC-BC857 Datasheet
525Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
NXP Semiconductors
BC857 PHILIPS-BC857 Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Diotec Semiconductor
BC857 DIOTEC-BC857 Datasheet
145Kb / 2P
   SMD General Purpose PNP Transistors
logo
Central Semiconductor C...
BC857 CENTRAL-BC857 Datasheet
116Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Pan Jit International I...
BC857 PANJIT-BC857 Datasheet
168Kb / 4P
   PNP GENERAL PURPOSE TRANSISTORS
More results

Description similaire - BC857

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com