Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA5204A Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce SA5204A
Description  Wide-band high-frequency amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5204A Fiches technique(HTML) 3 Page - NXP Semiconductors

  SA5204A Datasheet HTML 1Page - NXP Semiconductors SA5204A Datasheet HTML 2Page - NXP Semiconductors SA5204A Datasheet HTML 3Page - NXP Semiconductors SA5204A Datasheet HTML 4Page - NXP Semiconductors SA5204A Datasheet HTML 5Page - NXP Semiconductors SA5204A Datasheet HTML 6Page - NXP Semiconductors SA5204A Datasheet HTML 7Page - NXP Semiconductors SA5204A Datasheet HTML 8Page - NXP Semiconductors SA5204A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
Product specification
NE/SA5204A
Wide-band high-frequency amplifier
1992 Feb 25
3
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
9
V
VIN
AC input voltage
5
VP–P
TA
Operating ambient temperature range
NE grade
0 to +70
°C
SA grade
–40 to +85
°C
PDMAX
Maximum power dissipation1, 2
TA=25°C(still–air)
N package
1160
mW
D package
780
mW
TJ
Junction temperature
150
°C
TSTG
Storage temperature range
–55 to +150
°C
TSOLD
Lead temperature
(soldering 60s)
300
°C
NOTES:
1. Derate above 25
°C, at the following rates
N package at 9.3mW/
°C
D package at 6.2mW/
°C
2. See “Power Dissipation Considerations” section.
EQUIVALENT SCHEMATIC
VCC
VIN
R1
R2
R0
RF1
RE1
RF2
RE2
R3
Q3
Q4
Q6
Q1
Q2
Q5
VOUT
SR00194
Figure 2. Equivalent Schematic


Numéro de pièce similaire - SA5204A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
SA5204A PHILIPS-SA5204A Datasheet
116Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
SA5204AD PHILIPS-SA5204AD Datasheet
116Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
More results

Description similaire - SA5204A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
NE5205A PHILIPS-NE5205A Datasheet
190Kb / 14P
   Wide-band high-frequency amplifier
1992 Feb 24
SA5204A PHILIPS-SA5204A Datasheet
116Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
SA5205A PHILIPS-SA5205A Datasheet
114Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
logo
Toshiba Semiconductor
2SC1199 TOSHIBA-2SC1199 Datasheet
65Kb / 2P
   HIGH FREQUENCY WIDE BAND AMPLIFIER APPLICATIONS.
logo
OKI electronic componet...
KGF2701 OKI-KGF2701 Datasheet
100Kb / 7P
   Wide-Band Amplifier
logo
NEC
UPG103B NEC-UPG103B Datasheet
47Kb / 8P
   WIDE-BAND AMPLIFIER
logo
Mini-Circuits
SIM-83 MINI-SIM-83 Datasheet
275Kb / 2P
   Frequency Mixer WIDE BAND
MCA1-80H MINI-MCA1-80H Datasheet
162Kb / 2P
   Frequency Mixer WIDE BAND
MCA-50MH MINI-MCA-50MH Datasheet
211Kb / 2P
   Frequency Mixer WIDE BAND
MCA1-12GL MINI-MCA1-12GL Datasheet
171Kb / 2P
   Frequency Mixer WIDE BAND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com