Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL5571A Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL5571A
Description  Access High Voltage Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5571A Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL5571A Datasheet HTML 1Page - Intersil Corporation ISL5571A Datasheet HTML 2Page - Intersil Corporation ISL5571A Datasheet HTML 3Page - Intersil Corporation ISL5571A Datasheet HTML 4Page - Intersil Corporation ISL5571A Datasheet HTML 5Page - Intersil Corporation ISL5571A Datasheet HTML 6Page - Intersil Corporation ISL5571A Datasheet HTML 7Page - Intersil Corporation ISL5571A Datasheet HTML 8Page - Intersil Corporation ISL5571A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN4920.5
ISL5571A
Access High Voltage Switch
The ISL5571A is a solid state device designed to replace the
electromechanical relay used on Subscriber Line Cards. The
device contains two Line Break MOSFET switches, one Ring
Return MOSFET switch and one Ring Access SCR switch.
The ISL5571A is pin-for-pin compatible with the Lucent
L7581AAE LCAS and Clare CPCL7581A Products.
Improvements include: line break switches rON match (0.5Ω
Max) higher dV/dt sensitivity (5000V/
µs), protection SCR
hold current set to 110mA.
The line break MOSFETs have very low on resistance
(<16.0
Ω Typ) and Ron match (<0.05Ω Typ, 0.5Ω Max) and a
blocking voltage >330V. The Ring Return MOSFET has a
typical Ron of 50
Ω and a blocking voltage >330V. The
Ringing Access switch is implemented with a SCR device
with a blocking voltage >480V. The SCR switch inherently
offers low EMI connect and disconnect circuitry. All control
I/Os use TTL thresholds making the device compatible with
3V logic.
The ISL5571A also includes on-chip protection in the form of
an over-voltage clamping circuit, current-limited MOSFET
switches, and thermal shutdown circuitry. The over-voltage
clamping circuit consists of a diode bridge and SCR.
Features
• Small Size/Surface-Mount Packaging
• Low Impulse Noise, Low EMI
• Clean, Bounce-Free Switching
• Line Break Switches
-0.5
Ω Max rON Match
-28
Ω Max r
ON
• Built-In Current Limiting, Thermal Shutdown and
Secondary Protection for the SLIC
• Optimized for Short Loop High REN Applications
• 3V/5V Logic-Capable I/O
• Pb-free Available
Applications
• Central Office
• PBX
•DLC
•HFC
•FITL
•DAML
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Technical Brief TB379 “Thermal Characterization of
Packages for ICs”
• Texas Instruments TISPL758LF3D Data Sheet
• Teccor Electronics Document DO-214AA
Pinout
ISL5571A
TOP VIEW
Ordering Information
PART
NUMBER
PROT
SCR
TEMP
RANGE (°C)
PACKAGE
TYPE
PKG.
DWG. #
ISL5571AIB
Yes
-40 to 85
16 Ld SOIC
M16.3
ISL5571AIBZ
(Note)
Yes
-40 to 85
16 Ld SOIC
(Pb-free)
M16.3
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
Add “-T” for tape and reel.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
FGND
TBAT
TLINE
NC
NC
TRING
TSD
VDD
VBAT
RLINE
NC
RRING
LATCH
INPUT
DGND
RBAT
Data Sheet
July 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001, 2002, 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Numéro de pièce similaire - ISL5571A

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL5571A INTERSIL-ISL5571A Datasheet
163Kb / 12P
   Access High Voltage Switch
logo
Renesas Technology Corp
ISL5571A RENESAS-ISL5571A Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
logo
Intersil Corporation
ISL5571AIB INTERSIL-ISL5571AIB Datasheet
163Kb / 12P
   Access High Voltage Switch
logo
Renesas Technology Corp
ISL5571AIB RENESAS-ISL5571AIB Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
ISL5571AIBZ RENESAS-ISL5571AIBZ Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
More results

Description similaire - ISL5571A

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL5571A RENESAS-ISL5571A Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
logo
Intersil Corporation
ISL5571A INTERSIL-ISL5571A Datasheet
163Kb / 12P
   Access High Voltage Switch
logo
Mitel Networks Corporat...
MT90866 MITEL-MT90866 Datasheet
34Kb / 6P
   WAN Access Switch
logo
Agere Systems
L7581 AGERE-L7581 Datasheet
307Kb / 16P
   Ringing Access Switch
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
   Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
   Line Card Access Switch
logo
Clare, Inc.
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
   Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
   Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
   Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com