Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVQ74SC Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74LVQ74SC
Description  Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ74SC Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74LVQ74SC Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ74SC Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ74SC Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ74SC Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ74SC Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ74SC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
AC Operating Requirements
Capacitance
Note 10: CPD is measured at 10 MHz.
Symbol
Parameter
TA = +25°CTA = −40°C to +85°C
Units
VCC
CL = 50 pF
CL = 50 pF
(V)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
2.7
50
100
40
MHz
Frequency
3.3
± 0.3
100
125
95
tPLH
Propagation Delay
2.7
3.5
9.6
16.9
3.5
19.0
ns
CDn or SDn to Qn
3.3
± 0.3
3.5
8.0
12.0
2.5
13.0
tPHL
Propagation Delay
2.7
4.0
12.6
16.9
3.5
19.0
ns
CDn or SDn to Qn
3.3
± 0.3
4.0
10.5
12.0
3.5
13.5
tPLH
Propagation Delay
2.7
4.5
9.6
19.0
4.0
23.0
ns
CPn to Qn or Qn
3.3
± 0.3
4.5
8.0
13.5
4.0
16.0
tPHL
Propagation Delay
2.7
3.5
9.6
19.7
3.5
21.0
ns
CPn to Qn or Qn
3.3
± 0.3
3.5
8.0
14.0
3.5
14.5
tOSHL
Output to Output Skew (Note 9)
2.7
1.0
1.5
1.5
ns
tOSLH
Data to Output
3.3
± 0.3
1.0
1.5
1.5
Symbol
Parameter
TA = +25°CTA = −40°C to +85°C
Units
VCC
CL = 50 pF
CL = 50 pF
(V)
Typ
Guaranteed Minimum
tS
Set-up Time, HIGH or LOW
2.7
1.8
5.0
6.5
ns
3.3
± 0.3
1.5
4.0
4.5
tH
Hold Time, HIGH or LOW
2.7
−2.4
0.5
0.5
ns
Dn to CPn
3.3
± 0.3
−2.0
0.5
0.5
tW
Pulse Width
2.7
3.6
7.0
10.0
ns
3.3
± 0.3
3.0
5.5
7.0
tREC
Recovery Time
2.7
−3.0
0
0
ns
3.3
± 0.3
−2.5
0
0
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = Open
CPD (Note 10)
Power Dissipation Capacitance
25
pF
VCC = 3.3V


Numéro de pièce similaire - 74LVQ74SC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVQ74SC FAIRCHILD-74LVQ74SC Datasheet
86Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
More results

Description similaire - 74LVQ74SC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVX74 FAIRCHILD-74LVX74 Datasheet
93Kb / 7P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVX74 FAIRCHILD-74LVX74_08 Datasheet
320Kb / 9P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVQ74 FAIRCHILD-74LVQ74 Datasheet
86Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVX74 FAIRCHILD-74LVX74 Datasheet
70Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LCX74MX FAIRCHILD-74LCX74MX Datasheet
824Kb / 14P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com