Moteur de recherche de fiches techniques de composants électroniques |
|
74F377SC Fiches technique(PDF) 1 Page - Fairchild Semiconductor |
|
74F377SC Fiches technique(HTML) 1 Page - Fairchild Semiconductor |
1 / 7 page © 2000 Fairchild Semiconductor Corporation DS009525 www.fairchildsemi.com April 1988 Revised September 2000 74F377 Octal D-Type Flip-Flop with Clock Enable General Description The 74F377 has eight edge-triggered, D-type flip-flops with individual D inputs and Q outputs. The common buffered Clock (CP) input loads all flip-flops simultaneously, when the Clock Enable (CE) is LOW. The register is fully edge-triggered. The state of each D input, one setup time before the LOW-to-HIGH clock transi- tion, is transferred to the corresponding flip-flop’s Q output. The CE input must be stable only one setup time prior to the LOW-to-HIGH clock transition for predictable operation. Features s Ideal for addressable register applications s Clock enable for address and data synchronization applications s Eight edge-triggered D-type flip-flops s Buffered common clock s See 74F273 for master reset version s See 74F373 for transparent latch version s See 74F374 for 3-STATE version Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” tot he ordering code. Logic Symbols IEEE/IEC Connection Diagram Order Number Package Number Package Description 74F377SC M20B 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide 74F377SJ M20D 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 74F377PC N20A 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide |
Numéro de pièce similaire - 74F377SC |
|
Description similaire - 74F377SC |