Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F174SC Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74F174SC
Description  Hex D-Type Flip-Flop with Master Reset
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F174SC Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74F174SC Datasheet HTML 1Page - Fairchild Semiconductor 74F174SC Datasheet HTML 2Page - Fairchild Semiconductor 74F174SC Datasheet HTML 3Page - Fairchild Semiconductor 74F174SC Datasheet HTML 4Page - Fairchild Semiconductor 74F174SC Datasheet HTML 5Page - Fairchild Semiconductor 74F174SC Datasheet HTML 6Page - Fairchild Semiconductor 74F174SC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
80
70
80
MHz
tPLH
Propagation Delay
3.5
5.5
8.0
3.0
10.0
3.5
9.0
ns
tPHL
CP to Qn
4.0
7.0
10.0
4.0
12.0
4.0
11.0
tPHL
Propagation Delay
5.0
10.0
14.0
5.0
16.0
5.0
15.0
ns
MR to Qn
Symbol
Parameter
TA = +25°CTA = −55°C to +125°
TA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
4.8
5.0
4.8
ns
tS(L)
Dn to CP
4.0
5.0
4.0
tH(H)
Hold Time, HIGH or LOW
0
2.0
0
tH(L)
Dn to CP
0
2.0
0
tW(H)
CP Pulse Width
4.0
5.0
4.0
ns
tW(L)
HIGH or LOW
6.0
7.5
6.0
tW(L)
MR Pulse Width, LOW
5.0
6.5
5.0
ns
tREC
Recovery Time, MR to CP
5.0
6.0
5.0


Numéro de pièce similaire - 74F174SC

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74F174SC NSC-74F174SC Datasheet
166Kb / 8P
   Hex D Flip-Flop with Master Reset
logo
Fairchild Semiconductor
74F174SC FAIRCHILD-74F174SC Datasheet
57Kb / 6P
   Hex D-Type Flip-Flop with Master Reset
More results

Description similaire - 74F174SC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74F174 FAIRCHILD-74F174 Datasheet
57Kb / 6P
   Hex D-Type Flip-Flop with Master Reset
logo
Renesas Technology Corp
HD74AC174 RENESAS-HD74AC174 Datasheet
210Kb / 8P
   Hex D-Type Flip-Flop with Master Reset
logo
Hitachi Semiconductor
HD74AC174 HITACHI-HD74AC174 Datasheet
56Kb / 9P
   Hex D-Type Flip-Flop with Master Reset
logo
Fairchild Semiconductor
74AC174 FAIRCHILD-74AC174 Datasheet
99Kb / 9P
   Hex D-Type Flip-Flop with Master Reset
logo
AVG Semiconductors(HITE...
DV74ACT174 AVG-DV74ACT174 Datasheet
310Kb / 4P
   Hex D Flip-flop with Master Reset
logo
National Semiconductor ...
54F174DM NSC-54F174DM Datasheet
166Kb / 8P
   Hex D Flip-Flop with Master Reset
54AC174 NSC-54AC174 Datasheet
140Kb / 8P
   Hex D Flip-Flop with Master Reset
logo
ON Semiconductor
MC10186 ONSEMI-MC10186 Datasheet
108Kb / 5P
   Hex D Master-Slave Flip-Flop With Reset
1996 REV 5
MC10186 ONSEMI-MC10186_02 Datasheet
110Kb / 8P
   Hex D Master-Slave Flip-Flop with Reset
January, 2002 ??Rev. 7
logo
Fairchild Semiconductor
74LVQ174 FAIRCHILD-74LVQ174_01 Datasheet
65Kb / 6P
   Low Voltage Hex D-Type Flip-Flop with Master Reset
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com