Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACTQ821 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 74ACTQ821
Description  Quiet Series 10-Bit D-Type Flip-Flop with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ821 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  74ACTQ821_00 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ821_00 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ821_00 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ821_00 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ821_00 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ821_00 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ821_00 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Functional Description
The ACTQ821 consists of ten-bit D-type edge-triggered
flip-flops. The buffered Clock (CP) and buffered Output
Enable (OE) are common to all flip-flops. The flip-flops will
store the state of their individual D inputs that meet the
setup and hold time requirements on the LOW-to-HIGH CP
transition. With OE LOW the contents of the flip-flops are
available at the outputs. When OE is HIGH the outputs go
to the high impedance state. Operation of the OE input
does not affect the state of the flip-flops.
The ACTQ821 is functionally and pin compatible with the
AM29821.
Function Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
Z
= HIGH Impedance
 = LOW-to-HIGH Clock Transition
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Inputs
Internal
Outputs
Function
OE
CP
D
Q
O
H

L
L
Z
High Z
H

H
H
Z
High Z
L

LL
L
Load
L

HH
H
Load


Numéro de pièce similaire - 74ACTQ821_00

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74ACTQ821L NSC-74ACTQ821L Datasheet
268Kb / 10P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ821SC FAIRCHILD-74ACTQ821SC Datasheet
68Kb / 7P
   Quiet Seriesa??10-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
74ACTQ821SD NSC-74ACTQ821SD Datasheet
268Kb / 10P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ821SPC FAIRCHILD-74ACTQ821SPC Datasheet
68Kb / 7P
   Quiet Seriesa??10-Bit D-Type Flip-Flop with 3-STATE Outputs
More results

Description similaire - 74ACTQ821_00

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ACTQ821 FAIRCHILD-74ACTQ821 Datasheet
68Kb / 7P
   Quiet Seriesa??10-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ823 FAIRCHILD-74ACTQ823_00 Datasheet
80Kb / 7P
   Quiet Series 9-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
National Semiconductor ...
54ACTQ821 NSC-54ACTQ821 Datasheet
156Kb / 8P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
54ACQ821 NSC-54ACQ821 Datasheet
268Kb / 10P
   Quiet Series 10-Bit D Flip-Flop with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACQ374 FAIRCHILD-74ACQ374 Datasheet
106Kb / 11P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACTQ823 FAIRCHILD-74ACTQ823 Datasheet
75Kb / 7P
   Quiet Seriesa??9-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACQ574 FAIRCHILD-74ACQ574_07 Datasheet
278Kb / 11P
   Quiet Series Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ374 FAIRCHILD-74ACQ374_07 Datasheet
309Kb / 12P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74ACQ574 FAIRCHILD-74ACQ574 Datasheet
98Kb / 10P
   Quiet Series??Octal D-Type Flip-Flop with 3-STATE Outputs
74AC821 FAIRCHILD-74AC821 Datasheet
79Kb / 8P
   10-Bit D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com