Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29BDD160GT66APBK Fiches technique(PDF) 10 Page - Advanced Micro Devices

No de pièce AM29BDD160GT66APBK
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT66APBK Fiches technique(HTML) 10 Page - Advanced Micro Devices

Back Button AM29BDD160GT66APBK Datasheet HTML 6Page - Advanced Micro Devices AM29BDD160GT66APBK Datasheet HTML 7Page - Advanced Micro Devices AM29BDD160GT66APBK Datasheet HTML 8Page - Advanced Micro Devices AM29BDD160GT66APBK Datasheet HTML 9Page - Advanced Micro Devices AM29BDD160GT66APBK Datasheet HTML 10Page - Advanced Micro Devices AM29BDD160GT66APBK Datasheet HTML 11Page - Advanced Micro Devices AM29BDD160GT66APBK Datasheet HTML 12Page - Advanced Micro Devices AM29BDD160GT66APBK Datasheet HTML 13Page - Advanced Micro Devices AM29BDD160GT66APBK Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
8
Am29BDD160G
June 7, 2006
CONNECTION DIAGRAMS
Special Package Handling Instructions
Special handling is required for Flash Memory prod-
ucts in molded packages (BGA). The package and/or
data integrity may be compromised if the package
body is exposed to temperatures above 150°C for pro-
longed periods of time.
80-Ball Fortified BGA
B3
C3
D3
E3
F3
G3
H3
B4
C4
D4
E4
F4
G4
H4
B5
C5
D5
E5
F5
G5
H5
B6
C6
D6
E6
F6
G6
H6
B7
C7
D7
E7
F7
G7
H7
B8
C8
D8
E8
F8
G8
H8
DQ20
VCCQ
VSS
VCCQ
DQ29
A0
A1
DQ18
DQ23
DQ24
DQ26
DQ30
A-1
A4
DQ19
DQ21
DQ25
DQ28
DQ31
A7
A5
DQ17
DQ22
RY/BY#
DQ27
NC
NC
A8
WP#
DQ9
DQ5
DQ1
NC
A10
A9
DQ11
DQ10
DQ6
DQ2
NC
A11
A12
A3
A4
A5
A6
A7
A8
A2
A3
A6
VSS
ACC
VCC
B2
C2
D2
E2
F2
G2
H2
DQ12
DQ8
DQ7
DQ4
DQ0
A18
A13
A2
A14
B1
C1
D1
E1
F1
G1
H1
DQ13
J3
J4
J5
J6
J7
J8
DQ16
IND/WAIT#
OE#
CE#
NC
ADV#
J2
DQ14
J1
DQ15
K3
K4
K5
K6
K7
K8
WORD#
NC
WE#
VCC
VSS
CLK
K2
RESET#
K1
VCCQ
VCCQ
VSS
VCCQ
DQ3
A17
A16
A1
A15


Numéro de pièce similaire - AM29BDD160GT66APBK

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29BDD160GT64C AMD-AM29BDD160GT64C Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDD160GT65A AMD-AM29BDD160GT65A Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
More results

Description similaire - AM29BDD160GT66APBK

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29BDD160G AMD-AM29BDD160G Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29CD-G SPANSION-S29CD-G Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD016J SPANSION-S29CD016J Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com