Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACTQ04SC Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce 74ACTQ04SC
Description  Quiet Series Hex Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ04SC Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  74ACTQ04SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ04SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ04SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ04SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ04SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ04SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ04SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ04SC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 7: Voltage Range 5.0 is 5.0V
r 0.5V.
Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Capacitance
VCC
TA 25qC
TA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 7)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
2.0
6.5
7.5
2.0
8.0
ns
Data to Output
tPHL
Propagation Delay
5.0
2.0
6.5
7.5
2.0
8.0
ns
Data to Output
tOSHL
Output to Output
5.0
0.5
1.0
1.0
ns
tOSLH
Skew (Note 8)
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC OPEN
CPD
Power Dissipation Capacitance
75
pF
VCC 5.0V


Numéro de pièce similaire - 74ACTQ04SC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ACTQ04SC FAIRCHILD-74ACTQ04SC Datasheet
81Kb / 7P
   Quiet Series?? Hex Inverter
74ACTQ04SC FAIRCHILD-74ACTQ04SC Datasheet
240Kb / 9P
   Quiet Series??Hex Inverter
More results

Description similaire - 74ACTQ04SC

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54ACTQ04 NSC-54ACTQ04 Datasheet
106Kb / 5P
   Quiet Series Hex Inverter
logo
Fairchild Semiconductor
74ACTQ04 FAIRCHILD-74ACTQ04 Datasheet
81Kb / 7P
   Quiet Series?? Hex Inverter
74ACTQ04 FAIRCHILD-74ACTQ04_07 Datasheet
240Kb / 9P
   Quiet Series??Hex Inverter
logo
National Semiconductor ...
54ACTQ14 NSC-54ACTQ14 Datasheet
104Kb / 6P
   Quiet Series Hex Inverter with Schmitt Trigger Input
logo
Fairchild Semiconductor
74ACTQ14 FAIRCHILD-74ACTQ14 Datasheet
100Kb / 7P
   Quiet Series Hex Inverter with Schmitt Trigger Input
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com