Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACTQ573QSCX Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce 74ACTQ573QSCX
Description  Quiet Series??Octal Latch with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ573QSCX Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button 74ACTQ573QSCX Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ573QSCX Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ573QSCX Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ573QSCX Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ573QSCX Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ573QSCX Datasheet HTML 9Page - Fairchild Semiconductor 74ACTQ573QSCX Datasheet HTML 10Page - Fairchild Semiconductor 74ACTQ573QSCX Datasheet HTML 11Page - Fairchild Semiconductor 74ACTQ573QSCX Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
©1990 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ACQ573, 74ACTQ573 Rev. 1.5
8
FACT Noise Characteristics
The setup of a noise characteristics measurement is
critical to the accuracy and repeatability of the tests. The
following is a brief description of the setup used to
measure the noise characteristics of FACT.
Equipment:
Hewlett Packard Model 8180A Word Generator
PC-163A Test Fixture
Tektronics Model 7854 Oscilloscope
Procedure:
1. Verify Test Fixture Loading: Standard Load 50pF,
500
Ω.
2. Deskew the HFS generator so that no two channels
have greater than 150ps skew between them. This
requires that the oscilloscope be deskewed first. It is
important to deskew the HFS generator channels
before testing. This will ensure that the outputs switch
simultaneously.
3. Terminate all inputs and outputs to ensure proper
loading of the outputs and that the input levels are the
correct voltage.
4. Set the HFS generator to toggle all but one output at
a frequency of 1MHz. Greater frequencies will
increase DUT heating and affect the results of the
measurement.
5. Set the HFS generator input levels at 0V LOW and
3V HIGH for ACT devices and 0V LOW and 5V HIGH
for AC devices. Verify levels with an oscilloscope.
Notes:
16. VOHV and VOLP are measured with respect to ground
reference.
17. Input pulses have the following characteristics:
f
= 1MHz, tr = 3ns, tf = 3ns, skew < 150ps.
Figure 1. Quiet Output Noise Voltage Waveforms
VOLP/VOLV and VOHP/VOHV:
Determine the quiet output pin that demonstrates the
greatest noise levels. The worst case pin will usually
be the furthest from the ground pin. Monitor the output
voltages using a 50
Ω coaxial cable plugged into a
standard SMB type connector on the test fixture. Do
not use an active FET probe.
Measure VOLP and VOLV on the quiet output during
the worst case transition for active and enable.
Measure VOHP and VOHV on the quiet output during
the worst case active and enable transition.
Verify that the GND reference recorded on the
oscilloscope has not drifted to ensure the accuracy
and repeatability of the measurements.
VILD and VIHD:
Monitor one of the switching outputs using a 50
coaxial cable plugged into a standard SMB type
connector on the test fixture. Do not use an active
FET probe.
First increase the input LOW voltage level, VIL, until
the output begins to oscillate or steps out a min of 2ns.
Oscillation is defined as noise on the output LOW
level that exceeds VIL limits, or on output HIGH levels
that exceed VIH limits. The input LOW voltage level at
which oscillation occurs is defined as VILD.
Next decrease the input HIGH voltage level, VIH, until
the output begins to oscillate or steps out a min of 2ns.
Oscillation is defined as noise on the output LOW
level that exceeds VIL limits, or on output HIGH levels
that exceed VIH limits. The input HIGH voltage level at
which oscillation occurs is defined as VIHD.
Verify that the GND reference recorded on the
oscilloscope has not drifted to ensure the accuracy
and repeatability of the measurements.
Figure 2. Simultaneous Switching Test Circuit


Numéro de pièce similaire - 74ACTQ573QSCX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ACTQ573QSCX FAIRCHILD-74ACTQ573QSCX Datasheet
126Kb / 12P
   Quiet Series Octal Latch with 3-STATE Outputs
More results

Description similaire - 74ACTQ573QSCX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ACQ573 FAIRCHILD-74ACQ573 Datasheet
126Kb / 12P
   Quiet Series Octal Latch with 3-STATE Outputs
74ACTQ563 FAIRCHILD-74ACTQ563 Datasheet
58Kb / 7P
   Quiet Series??Octal Latch with 3-STATE Outputs
74ACQ373 FAIRCHILD-74ACQ373 Datasheet
96Kb / 10P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
74ACTQ533 FAIRCHILD-74ACTQ533 Datasheet
93Kb / 8P
   Quiet Series Octal Transparent Latch with 3-STATE Outputs
74ACQ373 FAIRCHILD-74ACQ373_07 Datasheet
311Kb / 13P
   Quiet Series??Octal Transparent Latch with 3-STATE Outputs
logo
Texas Instruments
54ACQ573 TI1-54ACQ573 Datasheet
213Kb / 10P
[Old version datasheet]   Quiet Series Octal Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ573 NSC-54ACQ573 Datasheet
168Kb / 8P
   Quiet Series Octal Latch with TRI-STATE Outputs
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ533 NSC-54ACTQ533 Datasheet
156Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com