Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT573 Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce 74ACT573
Description  Octal Latch with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT573 Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button 74ACT573 Datasheet HTML 4Page - Fairchild Semiconductor 74ACT573 Datasheet HTML 5Page - Fairchild Semiconductor 74ACT573 Datasheet HTML 6Page - Fairchild Semiconductor 74ACT573 Datasheet HTML 7Page - Fairchild Semiconductor 74ACT573 Datasheet HTML 8Page - Fairchild Semiconductor 74ACT573 Datasheet HTML 9Page - Fairchild Semiconductor 74ACT573 Datasheet HTML 10Page - Fairchild Semiconductor 74ACT573 Datasheet HTML 11Page - Fairchild Semiconductor 74ACT573 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC573, 74ACT573 Rev. 1.5
8
AC Electrical Characteristics for ACT
Note:
9. Voltage range 5.0 is 5.0V ± 0.5V.
AC Operating Requirements for ACT
Note:
10. Voltage range 5.0 is 5.0V ± 0.5V.
Capacitance
Symbol
Parameter
VCC (V)
(9)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPLH
Propagation Delay,
Dn to On
5.0
2.5
6.0
10.5
2.0
12.0
ns
tPHL
tPLH
Propagation Delay,
LE to On
5.0
3.0
6.0
10.5
2.5
12.0
ns
tPHL
Propagation Delay,
LE to On
5.0
2.5
5.5
9.5
2.0
10.5
ns
tPZH
Output Enable Time
5.0
2.0
5.5
10.0
1.5
11.0
ns
tPZL
Output Enable Time
5.0
1.5
5.5
9.5
1.5
10.5
ns
tPHZ
Output Disable Time
5.0
2.5
6.5
11.0
1.5
12.5
ns
tPLZ
Output Disable Time
5.0
1.5
5.0
8.5
1.0
9.5
ns
Symbol
Parameter
VCC (V)
(10)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Typ.
Guaranteed Minimum
tS
Setup Time, HIGH or LOW,
Dn to LE
5.0
1.5
3.0
3.5
ns
tH
Hold Time, HIGH or LOW,
Dn to LE
5.0
–1.5
0
0
ns
tW
LE Pulse Width, HIGH
5.0
2.0
3.5
4.0
ns
Symbol
Parameter
Conditions
Typ.
Units
CIN
Input Capacitance
VCC = OPEN
5.0
pF
CPD
Power Dissipation Capacitance
AC
ACT
VCC = 5.0V
25.0
42.0
pF


Numéro de pièce similaire - 74ACT573

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74ACT573 STMICROELECTRONICS-74ACT573 Datasheet
79Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74ACT573 FAIRCHILD-74ACT573 Datasheet
88Kb / 10P
   Octal Latch with 3-STATE Outputs
logo
STMicroelectronics
74ACT573 STMICROELECTRONICS-74ACT573 Datasheet
244Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS (NON INVERTED)
April 2001
74ACT573B STMICROELECTRONICS-74ACT573B Datasheet
244Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS (NON INVERTED)
April 2001
74ACT573M STMICROELECTRONICS-74ACT573M Datasheet
244Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS (NON INVERTED)
April 2001
More results

Description similaire - 74ACT573

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ACT563 FAIRCHILD-74ACT563 Datasheet
45Kb / 5P
   Octal Latch with 3-STATE Outputs
74AC573 FAIRCHILD-74AC573 Datasheet
88Kb / 10P
   Octal Latch with 3-STATE Outputs
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373_07 Datasheet
308Kb / 13P
   Octal Transparent Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC533 MOTOROLA-MC74AC533 Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
HEF40373B NEXPERIA-HEF40373B Datasheet
212Kb / 15P
   Octal transparent latch with 3-state outputs
Rev. 4 - 29 June 2018
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373 Datasheet
133Kb / 11P
   Octal Transparent Latch with 3-STATE Outputs
74F373 FAIRCHILD-74F373 Datasheet
79Kb / 8P
   Octal Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com