Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AC241 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 74AC241
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC241 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  74AC241_07 Datasheet HTML 1Page - Fairchild Semiconductor 74AC241_07 Datasheet HTML 2Page - Fairchild Semiconductor 74AC241_07 Datasheet HTML 3Page - Fairchild Semiconductor 74AC241_07 Datasheet HTML 4Page - Fairchild Semiconductor 74AC241_07 Datasheet HTML 5Page - Fairchild Semiconductor 74AC241_07 Datasheet HTML 6Page - Fairchild Semiconductor 74AC241_07 Datasheet HTML 7Page - Fairchild Semiconductor 74AC241_07 Datasheet HTML 8Page - Fairchild Semiconductor 74AC241_07 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
tm
March 2007
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC241, 74ACT241 Rev. 1.5
74AC241, 74ACT241
Octal Buffer/Line Driver with 3-STATE Outputs
Features
ICC and IOZ reduced by 50%
Non-inverting 3-STATE outputs drive bus lines or
buffer memory address registers
Outputs source/sink 24mA
ACT241 has TTL-compatible inputs
General Description
The AC/ACT241 is an octal buffer and line driver
designed to be employed as a memory address driver,
clock driver and bus-oriented transmitter or receiver
which provides improved PC board density.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
Pb-Free package per JEDEC J-STD-020B.
Logic Symbol
Connection Diagram
Pin Descriptions
Order
Number
Package
Number
Package Description
74AC241SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74AC241SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74AC241MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ACT241SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ACT241SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACT241MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
OE1
3-STATE Output Enable Input
OE2
3-STATE Output Enable Input
(Active HIGH)
I0–I7
Inputs
O0–O7
Outputs
FACT™ is a trademark of Fairchild Semiconductor Corporation
.


Numéro de pièce similaire - 74AC241_07

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74AC241MTC FAIRCHILD-74AC241MTC Datasheet
111Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC241MTCX FAIRCHILD-74AC241MTCX Datasheet
111Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC241PC FAIRCHILD-74AC241PC Datasheet
111Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC241PCX FAIRCHILD-74AC241PCX Datasheet
111Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC241SC FAIRCHILD-74AC241SC Datasheet
111Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Description similaire - 74AC241_07

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9