Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ABT245CMTC Fiches technique(PDF) 11 Page - Fairchild Semiconductor

No de pièce 74ABT245CMTC
Description  Octal Bi-Directional Transceiver with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT245CMTC Fiches technique(HTML) 11 Page - Fairchild Semiconductor

Back Button 74ABT245CMTC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT245CMTC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT245CMTC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT245CMTC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT245CMTC Datasheet HTML 9Page - Fairchild Semiconductor 74ABT245CMTC Datasheet HTML 10Page - Fairchild Semiconductor 74ABT245CMTC Datasheet HTML 11Page - Fairchild Semiconductor 74ABT245CMTC Datasheet HTML 12Page - Fairchild Semiconductor 74ABT245CMTC Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
©1991 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ABT245 Rev. 1.4
11
Physical Dimensions (Continued)
Dimensions are in millimeters unless otherwise noted.
Figure 10. 20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
Package Number MSA20


Numéro de pièce similaire - 74ABT245CMTC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ABT245CMTC FAIRCHILD-74ABT245CMTC Datasheet
132Kb / 11P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
74ABT245CMTCX-NL FAIRCHILD-74ABT245CMTCX-NL Datasheet
132Kb / 11P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
More results

Description similaire - 74ABT245CMTC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ABT245 FAIRCHILD-74ABT245 Datasheet
132Kb / 11P
   Octal Bi-Directional Transceiver with 3-STATE Outputs
logo
Renesas Technology Corp
HD74AC245 RENESAS-HD74AC245 Datasheet
129Kb / 9P
   Octal Bi-directional Transceiver with 3-State Input/Output
logo
Pericom Semiconductor C...
PI74LVTC16245 PERICOM-PI74LVTC16245 Datasheet
185Kb / 8P
   3.3V 16-Bit Bi-Directional Transceiver with 3-State Outputs
PI74LVTCH16245 PERICOM-PI74LVTCH16245 Datasheet
308Kb / 7P
   3.3V 16-Bit Bi-Directional Transceiver with 3-State Outputs
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
74ACT11543 TI-74ACT11543 Datasheet
101Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
SN74LVC543 TI-SN74LVC543 Datasheet
99Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com