Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

6N138SD Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 6N138SD
Description  Low Input Current High Gain Split Darlington Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N138SD Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  6N138SD Datasheet HTML 1Page - Fairchild Semiconductor 6N138SD Datasheet HTML 2Page - Fairchild Semiconductor 6N138SD Datasheet HTML 3Page - Fairchild Semiconductor 6N138SD Datasheet HTML 4Page - Fairchild Semiconductor 6N138SD Datasheet HTML 5Page - Fairchild Semiconductor 6N138SD Datasheet HTML 6Page - Fairchild Semiconductor 6N138SD Datasheet HTML 7Page - Fairchild Semiconductor 6N138SD Datasheet HTML 8Page - Fairchild Semiconductor 6N138SD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N138, 5N139, NCPL2730, HCPL2731 Rev. 1.0.3
2
Absolute Maximum Ratings (T
A = 25°C unless otherwise specified)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Electrical Characteristics (T
A = 0 to 70°C unless otherwise specified)
Individual Component Characteristics
*All Typicals at TA = 25°C
Symbol
Parameter
Value
Units
TSTG
Storage Temperature
-55 to +125
°C
TOPR
Operating Temperature
-40 to +85
°C
TSOL
Lead Solder Temperature (Wave solder only. See recommended reflow profile graph for
SMD mounting)
260 for 10 sec
°C
EMITTER
IF (avg)
DC/Average Forward Input Current
Each Channel
20
mA
IF (pk)
Peak Forward Input Current (50% duty cycle, 1 ms P.W.)
Each Channel
40
mA
IF (trans)
Peak Transient Input Current - (
≤1µs P.W., 300 pps)
1.0
A
VR
Reverse Input Voltage
Each Channel
5
V
PD
Input Power Dissipation
Each Channel
35
mW
DETECTOR
IO (avg)
Average Output Current
Each Channel
60
mA
VER
Emitter-Base Reverse Voltage
(6N138 and 6N139)
0.5
V
VCC, VO
Supply Voltage, Output Voltage
(6N138, HCPL2730)
-0.5 to 7
V
(6N139, HCPL2731)
-0.5 to 18
PO
Output Power Dissipation
Each Channel
100
mW
Symbol
Parameter
Test Conditions
Device
Min. Typ.* Max.
Unit
EMITTER
VF
Input Forward Voltage
TA = 25°C
All
1.30
1.7
V
Each channel (IF = 1.6mA)
1.75
BVR
Input Reverse Breakdown Voltage
(TA = 25°C, IR = 10µA)
All
5.0
20
V
Each Channel
(
∆VF/∆TA)Temperature coefficient of forward voltage (IF = 1.6mA)
All
-1.8
mV/°C
DETECTOR
IOH
Logic HIGH output current
(IF = 0mA, VO = VCC = 18V)
6N139
0.01
100
µA
Each Channel
HCPL2731
(IF = 0mA, VO = VCC = 7V)
6N138
0.01
250
Each Channel
HCPL2730
ICCL
Logic LOW supply
(IF = 1.6mA, VO = Open)
(VCC = 18V)
6N138
6N139
0.4
1.5
mA
(IF1 = IF2 = 1.6mA, VCC = 18V)
HCPL2731
1.3
3
(VO1 - VO2 = Open, VCC = 7V
HCPL2730
ICCH
Logic HIGH supply
(IF = 0mA, VO = Open,
VCC = 18V)
6N138
6N139
0.05
10
µA
(IF1 = IF2 = 0mA, VCC = 18V)
HCPL2731
0.10
20
(VO1 - VO2 = Open, VCC = 7V
HCPL2730


Numéro de pièce similaire - 6N138SD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
6N138SD FAIRCHILD-6N138SD Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138SD FAIRCHILD-6N138SD Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138SDM FAIRCHILD-6N138SDM Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
6N138SDV FAIRCHILD-6N138SDV Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138SDV FAIRCHILD-6N138SDV Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
More results

Description similaire - 6N138SD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com