Moteur de recherche de fiches techniques de composants électroniques |
|
AM49PDL127BH85IS Fiches technique(PDF) 9 Page - SPANSION |
|
AM49PDL127BH85IS Fiches technique(HTML) 9 Page - SPANSION |
9 / 86 page December 16, 2003 Am49PDL127BH/Am49PDL129BH 7 ADV ANCE I N FO RMAT I O N CONNECTION DIAGRAM–PDL129 Special Package Handling Instructions Special handling is required for Flash Memory products in molded packages (BGA). The package and/or data integrity may be compromised if the package body is exposed to temperatures above 150 °C for prolonged periods of time. A1 B1 C1 F1 G1 L1 M1 D2 E2 F2 G2 H2 J2 C3 D3 E3 F3 G3 H3 J3 K3 C4 D4 E4 F4 G4 H4 J4 K4 B5 C5 D5 E5 H5 J5 K5 L5 B6 C6 D6 E6 H6 J6 K6 L6 C7 D7 E7 F7 G7 H7 J7 K7 C8 D8 E8 F8 G8 H8 J8 K8 D9 E9 F9 G9 H9 J9 A10 B10 F10 G10 L10 M10 NC NC NC NC NC NC NC NC NC A3 A2 A1 A0 CE#f1 CE#1ps A7 A6 A5 A4 VSS OE# DQ0 DQ8 LB# UB# A18 A17 DQ1 DQ9 DQ10 DQ2 NC WP#/ACC RESET# RY/BY# DQ3 VCCf DQ11 NC WE# CE2ps A20 DQ4 VCCps NC A8 A19 A9 A10 DQ6 DQ13 DQ12 DQ5 A11 A12 A13 A14 NC DQ15 DQ7 DQ14 A15 A21 CE#f2 A16 NC VSS NC NC NC NC NC NC Pseudo SRAM Only Shared Flash Only 73-Ball FBGA Top View |
Numéro de pièce similaire - AM49PDL127BH85IS |
|
Description similaire - AM49PDL127BH85IS |