Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29LV320MH101RFF Fiches technique(PDF) 3 Page - Advanced Micro Devices

No de pièce AM29LV320MH101RFF
Description  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320MH101RFF Fiches technique(HTML) 3 Page - Advanced Micro Devices

  AM29LV320MH101RFF Datasheet HTML 1Page - Advanced Micro Devices AM29LV320MH101RFF Datasheet HTML 2Page - Advanced Micro Devices AM29LV320MH101RFF Datasheet HTML 3Page - Advanced Micro Devices AM29LV320MH101RFF Datasheet HTML 4Page - Advanced Micro Devices AM29LV320MH101RFF Datasheet HTML 5Page - Advanced Micro Devices AM29LV320MH101RFF Datasheet HTML 6Page - Advanced Micro Devices AM29LV320MH101RFF Datasheet HTML 7Page - Advanced Micro Devices AM29LV320MH101RFF Datasheet HTML 8Page - Advanced Micro Devices AM29LV320MH101RFF Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
Publication# 26517
Rev: B Amendment/4
Issue Date: January 31, 2007
DATA SHEET
Am29LV320MH/L
32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit
3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O
™ Control
DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
■ Single power supply operation
— 3 V for read, erase, and program operations
■ VersatileI/O™ control
— Device generates data output voltages and tolerates
data input voltages on the DQ inputs/outputs as
determined by the voltage on the V
IO pin; operates
from 1.65 to 3.6 V
■ Manufactured on 0.23 µm MirrorBit process
technology
■ Secured Silicon Sector region
— 128-word/256-byte sector for permanent, secure
identification through an 8-word/16-byte random
Electronic Serial Number, accessible through a
command sequence
— May be programmed and locked at the factory or by
the customer
■ Flexible sector architecture
— Sixty-four 32 Kword/64-Kbyte sectors
■ Compatibility with JEDEC standards
— Provides pinout and software compatibility for
single-power supply flash, and superior inadvertent
write protection
■ Minimum 100,000 erase cycle guarantee per sector
■ 20-year data retention at 125°C
PERFORMANCE CHARACTERISTICS
■ High performance
— 90 ns access time
— 25 ns page read times
— 0.5 s typical sector erase time
— 15 µs typical effective write buffer word programming
time: 16-word/32-byte write buffer reduces overall
programming time for multiple-word/byte updates
— 4-word/8-byte page read buffer
— 16-word/32-byte write buffer
■ Low power consumption (typical values at 3.0 V, 5
MHz)
— 13 mA typical active read current
— 50 mA typical erase/program current
— 1 µA typical standby mode current
■ Package options
— 56-pin TSOP
— 64-ball Fortified BGA
SOFTWARE & HARDWARE FEATURES
■ Software features
— Program Suspend & Resume: read other sectors
before programming operation is completed
— Erase Suspend & Resume: read/program other
sectors before an erase operation is completed
— Data# polling & toggle bits provide status
— Unlock Bypass Program command reduces overall
multiple-word programming time
— CFI (Common Flash Interface) compliant: allows host
system to identify and accommodate multiple flash
devices
■ Hardware features
— Sector Group Protection: hardware-level method of
preventing write operations within a sector group
— Temporary Sector Unprotect: VID-level method of
changing code in locked sectors
— WP#/ACC input:
Write Protect input (WP#) protects first or last sector
regardless of sector protection settings
ACC (high voltage) accelerates programming time for
higher throughput during system production
— Hardware reset input (RESET#) resets device
— Ready/Busy# output (RY/BY#) indicates program or
erase cycle completion
This product has been retired and is not available for designs. For new and current designs, S29GL032A supersedes Am29LV320M H/L and is the factory-recommended migration path.
Please refer to the S29GL032A datasheet for specifications and ordering information. Availability of this document is retained for reference and historical purposes only.


Numéro de pièce similaire - AM29LV320MH101RFF

FabricantNo de pièceFiches techniqueDescription
logo
SPANSION
AM29LV320MH101RFF SPANSION-AM29LV320MH101RFF Datasheet
1Mb / 59P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
More results

Description similaire - AM29LV320MH101RFF

FabricantNo de pièceFiches techniqueDescription
logo
SPANSION
AM29LV320MH SPANSION-AM29LV320MH Datasheet
1Mb / 59P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV033MU SPANSION-AM29LV033MU_06 Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
Advanced Micro Devices
AM29LV033MU AMD-AM29LV033MU Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV2562M AMD-AM29LV2562M Datasheet
1Mb / 67P
   512 Megabit (16 M x 32-Bit/32 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV2562M SPANSION-AM29LV2562M Datasheet
1Mb / 69P
   512 Megabit (16 M x 32-Bit/32 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV640MH SPANSION-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV640MH AMD-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV128ML113REI SPANSION-AM29LV128ML113REI Datasheet
1Mb / 66P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
Advanced Micro Devices
AM29LV128MH AMD-AM29LV128MH_07 Datasheet
1Mb / 66P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV641MH AMD-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com