Moteur de recherche de fiches techniques de composants électroniques |
|
2N4401 Fiches technique(PDF) 4 Page - Fairchild Semiconductor |
|
2N4401 Fiches technique(HTML) 4 Page - Fairchild Semiconductor |
4 / 7 page Typical Characteristics (continued) Power Dissipation vs Ambient Temperature 0 25 50 75 100 125 150 0 0.25 0.5 0.75 1 TEMPERATURE ( C) o SOT-223 TO-92 SOT-23 Turn On and Turn Off Times vs Collector Current 10 100 1000 0 80 160 240 320 400 I - COLLECTOR CURRENT (mA) I = I = t on t off B1 C B2 I c 10 V = 25 V cc Switching Times vs Collector Current 10 100 1000 0 80 160 240 320 400 I - COLLECTOR CURRENT (mA) I = I = t r t s B1 C B2 I c 10 V = 25 V cc t f t d NPN General Purpose Amplifier (continued) |
Numéro de pièce similaire - 2N4401 |
|
Description similaire - 2N4401 |