Moteur de recherche de fiches techniques de composants électroniques |
|
AM29BDD160GB71APBF Fiches technique(PDF) 10 Page - Advanced Micro Devices |
|
AM29BDD160GB71APBF Fiches technique(HTML) 10 Page - Advanced Micro Devices |
10 / 79 page 8 Am29BDD160G June 7, 2006 CONNECTION DIAGRAMS Special Package Handling Instructions Special handling is required for Flash Memory prod- ucts in molded packages (BGA). The package and/or data integrity may be compromised if the package body is exposed to temperatures above 150°C for pro- longed periods of time. 80-Ball Fortified BGA B3 C3 D3 E3 F3 G3 H3 B4 C4 D4 E4 F4 G4 H4 B5 C5 D5 E5 F5 G5 H5 B6 C6 D6 E6 F6 G6 H6 B7 C7 D7 E7 F7 G7 H7 B8 C8 D8 E8 F8 G8 H8 DQ20 VCCQ VSS VCCQ DQ29 A0 A1 DQ18 DQ23 DQ24 DQ26 DQ30 A-1 A4 DQ19 DQ21 DQ25 DQ28 DQ31 A7 A5 DQ17 DQ22 RY/BY# DQ27 NC NC A8 WP# DQ9 DQ5 DQ1 NC A10 A9 DQ11 DQ10 DQ6 DQ2 NC A11 A12 A3 A4 A5 A6 A7 A8 A2 A3 A6 VSS ACC VCC B2 C2 D2 E2 F2 G2 H2 DQ12 DQ8 DQ7 DQ4 DQ0 A18 A13 A2 A14 B1 C1 D1 E1 F1 G1 H1 DQ13 J3 J4 J5 J6 J7 J8 DQ16 IND/WAIT# OE# CE# NC ADV# J2 DQ14 J1 DQ15 K3 K4 K5 K6 K7 K8 WORD# NC WE# VCC VSS CLK K2 RESET# K1 VCCQ VCCQ VSS VCCQ DQ3 A17 A16 A1 A15 |
Numéro de pièce similaire - AM29BDD160GB71APBF |
|
Description similaire - AM29BDD160GB71APBF |