Moteur de recherche de fiches techniques de composants électroniques |
|
L640ML12PI Fiches technique(PDF) 9 Page - Advanced Micro Devices |
|
L640ML12PI Fiches technique(HTML) 9 Page - Advanced Micro Devices |
9 / 62 page December 14, 2005 Am29LV640MH/L 7 DA TA SH EET CONNECTION DIAGRAMS Special Package Handling Instructions Special handling is required for Flash Memory prod- ucts in molded packages (TSOP and BGA). The pack- age and/or data integrity may be compromised if the package body is exposed to temperatures above 150 °C for prolonged periods of time. B3 C3 D3 E3 F3 G3 H3 B4 C4 D4 E4 F4 G4 H4 B5 C5 D5 E5 F5 G5 H5 B6 C6 D6 E6 F6 G6 H6 B7 C7 D7 E7 F7 G7 H7 B8 C8 D8 E8 F8 G8 H8 NC NC NC VSS VIO NC NC VSS DQ15/A-1 BYTE# A16 A15 A14 A12 DQ6 DQ13 DQ14 DQ7 A11 A10 A8 DQ4 VCC DQ12 DQ5 A19 A21 RESET# DQ3 DQ11 DQ10 DQ2 A20 A18 WP#/ACC DQ1 DQ9 DQ8 DQ0 A5 A6 A17 A3 A4 A5 A6 A7 A8 NC A13 A9 WE# RY/BY# A7 B2 C2 D2 E2 F2 G2 H2 VSS OE# CE# A0 A1 A2 A4 A2 A3 B1 C1 D1 E1 F1 G1 H1 NC NC VIO NC NC NC NC A1 NC 64-Ball Fortified BGA Top View, Balls Facing Down |
Numéro de pièce similaire - L640ML12PI |
|
Description similaire - L640ML12PI |