Moteur de recherche de fiches techniques de composants électroniques |
|
AM29LV640MT90RPCI Fiches technique(PDF) 8 Page - Advanced Micro Devices |
|
AM29LV640MT90RPCI Fiches technique(HTML) 8 Page - Advanced Micro Devices |
8 / 66 page 6 Am29LV640MT/B 26190C8 February 1, 2007 D A TA SH EE T PRODUCT SELECTOR GUIDE Note: See AC Characteristics on page 45 for full specifications. BLOCK DIAGRAM Part Number Am29LV640M Speed Option VCC = 3.0–3.6 V 90R 100R 110R 120R VCC = 2.7–3.6 V 100 110 120 Max. Access Time (ns) 90 100 110 120 Max. CE# Access Time (ns) 90 100 110 120 Max. Page access time (tPACC) 25303040 30 40 Max. OE# Access Time (ns) 25 30 30 40 30 40 Input/Output Buffers X-Decoder Y-Decoder Chip Enable Output Enable Logic Erase Voltage Generator PGM Voltage Generator Timer VCC Detector State Control Command Register V CC VSS WE# WP#/ACC BYTE# CE# OE# STB STB DQ0 –DQ15 (A-1) Sector Switches RY/BY# RESET# Data Latch Y-Gating Cell Matrix A21–A0 |
Numéro de pièce similaire - AM29LV640MT90RPCI |
|
Description similaire - AM29LV640MT90RPCI |