Moteur de recherche de fiches techniques de composants électroniques |
|
AM29F400BB-120SF0 Fiches technique(PDF) 8 Page - Advanced Micro Devices |
|
AM29F400BB-120SF0 Fiches technique(HTML) 8 Page - Advanced Micro Devices |
8 / 43 page 6 Am29F400B 21505E5 November 1, 2006 D A TA SH EE T PIN CONFIGURATION A0–A17 = 18 addresses DQ0–DQ14 = 15 data inputs/outputs DQ15/A-1 = DQ15 (data input/output, word mode), A-1 (LSB address input, byte mode) BYTE# = Selects 8-bit or 16-bit mode CE# = Chip enable OE# = Output enable WE# = Write enable RESET# = Hardware reset pin, active low RY/BY# = Ready/Busy# output VCC = +5.0 V single power supply (see Product Selector Guide for device speed ratings and voltage supply tolerances) VSS = Device ground NC = Pin not connected internally LOGIC SYMBOL 18 16 or 8 DQ0–DQ15 (A-1) A0–A17 CE# OE# WE# RESET# BYTE# RY/BY# |
Numéro de pièce similaire - AM29F400BB-120SF0 |
|
Description similaire - AM29F400BB-120SF0 |