Moteur de recherche de fiches techniques de composants électroniques |
|
AM29LV640MU30PCI Fiches technique(PDF) 5 Page - Advanced Micro Devices |
|
AM29LV640MU30PCI Fiches technique(HTML) 5 Page - Advanced Micro Devices |
5 / 59 page February 1, 2007 25301C5 Am29LV640MU 3 D A TA SH EE T MIRRORBIT 64 MBIT DEVICE FAMILY RELATED DOCUMENTS To download related documents, click on the following links or go to www.amd.com →Flash Memory→Prod- uct Information →MirrorBit→Flash Information→Tech- nical Documentation. MirrorBit™ Flash Memory Write Buffer Programming and Page Buffer Read Implementing a Common Layout for AMD MirrorBit and Intel StrataFlash Memory Devices AMD MirrorBit™ White Paper Migrating from Single-byte to Three-byte Device IDs M i g r atio n f r om Am 29 LV 64 0DU to M i rro rBit Am29LV640MU Device Bus Sector Architecture Packages V IO RY/BY# WP#, ACC WP# Protection LV065MU x8 Uniform (64 Kbyte) 48-pin TSOP (std. & rev. pinout), 63-ball FBGA Yes Yes ACC only No WP# LV640MT/B x8/x16 Boot (8 x 8 Kbyte at top & bottom) 48-pin TSOP, 63-ball Fine-pitch BGA, 64-ball Fortified BGA No Yes WP#/ACC pin 2 x 8 Kbyte top or bottom LV640MH/L x8/x16 Uniform (64 Kbyte) 56-pin TSOP (std. & rev. pinout), 64 Fortified BGA Yes Yes WP#/ACC pin 1 x 64 Kbyte high or low LV641MH/L x16 Uniform (32 Kword) 48-pin TSOP (std. & rev. pinout) Yes No Separate WP# and ACC pins 1 x 32 Kword top or bottom LV640MU x16 Uniform (32 Kword) 63-ball Fine-pitch BGA, 64-ball Fortified BGA Yes Yes ACC only No WP# |
Numéro de pièce similaire - AM29LV640MU30PCI |
|
Description similaire - AM29LV640MU30PCI |