Moteur de recherche de fiches techniques de composants électroniques |
|
AM29LV200BB-55TSK Fiches technique(PDF) 6 Page - Advanced Micro Devices |
|
AM29LV200BB-55TSK Fiches technique(HTML) 6 Page - Advanced Micro Devices |
6 / 46 page 4 Am29LV200B 21521D6 October 10, 2006 D A TA SH EE T PRODUCT SELECTOR GUIDE Note: See “AC Characteristics” for full specifications. BLOCK DIAGRAM Family Part Number Am29LV200B Speed Options Regulated Voltage Range: VCC = 3.0–3.6 V 55R Full Voltage Range: VCC = 2.7–3.6 V 70 90 120 Max access time, ns (tACC) 55 70 90 120 Max CE# access time, ns (tCE) 55 70 90 120 Max OE# access time, ns (tOE) 30 30 35 50 Input/Output Buffers X-Decoder Y-Decoder Chip Enable Output Enable Logic Erase Voltage Generator PGM Voltage Generator Timer VCC Detector State Control Command Register VCC VSS WE# BYTE# CE# OE# STB STB DQ0 –DQ15 (A-1) Sector Switches RY/BY# RESET# Data Latch Y-Gating Cell Matrix A0–A16 |
Numéro de pièce similaire - AM29LV200BB-55TSK |
|
Description similaire - AM29LV200BB-55TSK |