Moteur de recherche de fiches techniques de composants électroniques |
|
AM29LV001BT-90EE Fiches technique(PDF) 8 Page - Advanced Micro Devices |
|
AM29LV001BT-90EE Fiches technique(HTML) 8 Page - Advanced Micro Devices |
8 / 43 page 6 Am29LV001B 21557F4 May 5, 2006 DATA S H EET ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combi- nation) is formed by a combination of the elements below. Valid Combinations Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. Am29LV001B T -45R E C TEMPERATURE RANGE C = Commercial (0°C to +70°C) I = Industrial (–40°C to +85°C) E = Extended (–55°C to +125°C) D = Commercial (0°C to +70°C) for Pb-free Package F = Industrial (–40°C to +85°C) for Pb-free Package K = Extended (–55°C to +125°C) for Pb-free Package PACKAGE TYPE E = 32-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 032) J = 32-Pin Rectangular Plastic Leaded Chip Carrier (PL 032) SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T = Top Sector B = Bottom Sector DEVICE NUMBER/DESCRIPTION Am29LV001B 1 Megabit (128 K x 8-Bit) CMOS Flash Memory 3.0 Volt-only Read, Program and Erase Valid Combinations AM29LV001BT-45R, AM29LV001BB-45R, EC, EI, EF, JC, JI, JD, JF AM29LV001BT-55, AM29LV001BB-55, EC, EI, EE, ED, EF, EK, JC, JI, JE, JD, JF, JK AM29LV001BT-70, AM29LV001BB-70, AM29LV001BT-90, AM29LV001BB-90, |
Numéro de pièce similaire - AM29LV001BT-90EE |
|
Description similaire - AM29LV001BT-90EE |