Moteur de recherche de fiches techniques de composants électroniques |
|
1N4448HWT-7 Fiches technique(PDF) 1 Page - Diodes Incorporated |
|
1N4448HWT-7 Fiches technique(HTML) 1 Page - Diodes Incorporated |
1 / 3 page Lead-free Green DS30395 Rev. 5 - 2 1 of 3 1N4448HWT www.diodes.com ã Diodes Incorporated 1N4448HWT SURFACE MOUNT FAST SWITCHING DIODE Features Mechanical Data C D G E CATHODE MARK MARKING CODE Characteristic Symbol Value Unit Non-Repetitive Peak Reverse Voltage VRM 100 V Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR 80 V RMS Reverse Voltage VR(RMS) 57 V Forward Continuous Current IFM 250 mA Average Rectified Output Current IO 125 mA Non-Repetitive Peak Forward Surge Current @ t = 1.0 ms @ t = 1.0s IFSM 2.0 1.0 A Operating and Storage Temperature Range Tj ,TSTG -65 to +150 °C Maximum Ratings @ TA = 25°C unless otherwise specified · Fast Switching Speed · Ultra-Small Surface Mount Package · For General Purpose Switching Applications · High Conductance · Lead Free by Design/RoHS Compliant (Note 1) · "Green" Device, Note 3 and 4 SOD-523 Dim Min Max A 1.50 1.70 B 1.10 1.30 C 0.25 0.35 D 0.70 0.90 E 0.10 0.20 G 0.55 0.65 All Dimensions in mm · Case: SOD-523 · Case Material: Molded Plastic, "Green" Molding Compound, Note 4. UL Flammability Classification Rating 94V-0 · Moisture Sensitivity: Level 1 per J-STD-020C · Terminal Connections: Cathode Band · Terminals: Solderable per MIL-STD-202, Method 208 · Lead Free Plating (Matte Tin Finish) annealed over Alloy 42 leadframe. · Marking Code: T8 · Ordering Information: See Last Page · Weight: 0.002 grams (approximate) Thermal Characteristics @ TA = 25°C unless otherwise specified Characteristic Symbol Value Unit Power Dissipation (Note 2) Pd 150 mW Thermal Resistance Junction to Ambient (Note 2) RqJA 833 °C/W Note: 1. No purposefully added lead. 2. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 3. Diode's Inc.'s "Green" Policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 4. Product manufactured with date code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to date code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. SPICE MODEL: 1N4448HWT |
Numéro de pièce similaire - 1N4448HWT-7 |
|
Description similaire - 1N4448HWT-7 |