Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29F400BT-120DPC2 Fiches technique(PDF) 8 Page - Advanced Micro Devices

No de pièce AM29F400BT-120DPC2
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 2
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400BT-120DPC2 Fiches technique(HTML) 8 Page - Advanced Micro Devices

Back Button AM29F400BT-120DPC2 Datasheet HTML 4Page - Advanced Micro Devices AM29F400BT-120DPC2 Datasheet HTML 5Page - Advanced Micro Devices AM29F400BT-120DPC2 Datasheet HTML 6Page - Advanced Micro Devices AM29F400BT-120DPC2 Datasheet HTML 7Page - Advanced Micro Devices AM29F400BT-120DPC2 Datasheet HTML 8Page - Advanced Micro Devices AM29F400BT-120DPC2 Datasheet HTML 9Page - Advanced Micro Devices AM29F400BT-120DPC2 Datasheet HTML 10Page - Advanced Micro Devices AM29F400BT-120DPC2 Datasheet HTML 11Page - Advanced Micro Devices AM29F400BT-120DPC2 Datasheet HTML 12Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Am29F400B Known Good Die
7
SU PP L E ME NT
PRODUCT TEST FLOW
Figure 1 provides an overview of AMD’s Known Good
Die test flow. For more detailed information, refer to the
Am29F400B product qualification database supple-
ment for KGD. AMD implements quality assurance pro-
cedures throughout the product test flow. In addition,
an off-line quality monitoring program (QMP) further
guarantees AMD quality standards are met on Known
Good Die products. These QA procedures also allow
AMD to produce KGD products without requiring or
implementing burn-in.
Figure 1.
AMD KGD Product Test Flow
Wafer Sort 1
Bake
24 hours at 250
°C
Wafer Sort 2
Wafer Sort 3
High Temperature
Packaging for Shipment
Shipment
DC Parameters
Functionality
Programmability
Erasability
Data Retention
DC Parameters
Functionality
Programmability
Erasability
DC Parameters
Functionality
Programmability
Erasability
Speed
Incoming Inspection
Wafer Saw
Die Separation
100% Visual Inspection
Die Pack


Numéro de pièce similaire - AM29F400BT-120DPC2

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29F400BT-120DPC AMD-AM29F400BT-120DPC Datasheet
139Kb / 9P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29F400BT-120DPC1 AMD-AM29F400BT-120DPC1 Datasheet
139Kb / 9P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
More results

Description similaire - AM29F400BT-120DPC2

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM29F400B-1 AMD-AM29F400B-1 Datasheet
139Kb / 9P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400B AMD-AM29F400B_00 Datasheet
911Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F400B SPANSION-AM29F400B_09 Datasheet
862Kb / 43P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29F400B AMD-AM29F400B_06 Datasheet
870Kb / 43P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29LV400 AMD-AM29LV400 Datasheet
516Kb / 40P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B_03 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29F200 AMD-AM29F200 Datasheet
519Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B Datasheet
47Kb / 7P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV400BT-90EC SPANSION-AM29LV400BT-90EC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com