Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


SN65LVDM179_07 Datasheet(Fiches technique) 3 Page - Texas Instruments

Numéro de pièce SN65LVDM179_07
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Télécharger  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo 

 
 3 page
background image
www.ti.com
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
300 k
50
VCC
7 V
D or RE
Input
300 k
50
VCC
7 V
DE
Input
5
10 k
7 V
Y or Z
Output
VCC
7 V
VCC
7 V
R Output
VCC
5
B Input
A Input
300 k
300 k
7 V
SN65LVDM179, SN65LVDM180
SN65LVDM050, SN65LVDM051
SLLS324G – DECEMBER 1998 – REVISED APRIL 2007
SN65LVDM180, SN65LVDM050, and SN65LVDM051 RECEIVER
INPUTS(1)
OUTPUT(1)
VID = VA– VB
RE
R
VID ≥ 50 mV
L
H
50 MV < VID < 50 mV
L
?
VID ≤ –50 mV
L
L
Open
L
H
X
H
Z
(1)
H = high level, L = low level, Z = high impedance, X = don't care
SN65LVDM180, SN65LVDM050, and SN65LVDM051 DRIVER
INPUTS(1)
OUTPUTS(1)
D
DE
Y
Z
L
H
L
H
H
H
H
L
Open
H
L
H
X
L
Z
Z
(1)
H = high level, L = low level, Z = high impedance, X = don't care
3
Submit Documentation Feedback




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SN65LVDS179HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS 1 2 3 4 5 MoreTexas Instruments
SN75ALS1177_06DUAL DIFFERENTIAL DRIVERS AND RECEIVERS 1 2 3 4 5 MoreTexas Instruments
SN65LVDS386_07HIGH-SPEED DIFFERENTIAL LINE RECEIVERS 1 2 3 4 5 MoreTexas Instruments
SN65C1167_06DUAL DIFFERENTIAL DRIVERS AND RECEIVERS 1 2 3 4 5 MoreTexas Instruments
SN65LVDS049_05DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS 1 2 3 4 5 MoreTexas Instruments
SN55LVDS32_07HIGH-SPEED DIFFERENTIAL LINE RECEIVERS 1 2 3 4 5 MoreTexas Instruments
SN54AS756_07OCTAL BUFFERS AND LINE DRIVERS WITH OPEN-COLLECTOR OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54HC540_07OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
75232MULTIPLE RS-232 DRIVERS AND RECEIVERS 1 2 3 4 5 MoreUnisonic Technologies
AZ75232MULTIPLE RS-232 DRIVERS AND RECEIVERS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl