Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZY7120HG-T2 Fiches technique(PDF) 8 Page - Power-One

No de pièce ZY7120HG-T2
Description  20A DC-DC Intelligent POL Data Sheet 3V to 13.2V Input 0.5V to 5.5V Output
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWER-ONE [Power-One]
Site Internet  http://www.power-one.com
Logo POWER-ONE - Power-One

ZY7120HG-T2 Fiches technique(HTML) 8 Page - Power-One

Back Button ZY7120HG-T2 Datasheet HTML 4Page - Power-One ZY7120HG-T2 Datasheet HTML 5Page - Power-One ZY7120HG-T2 Datasheet HTML 6Page - Power-One ZY7120HG-T2 Datasheet HTML 7Page - Power-One ZY7120HG-T2 Datasheet HTML 8Page - Power-One ZY7120HG-T2 Datasheet HTML 9Page - Power-One ZY7120HG-T2 Datasheet HTML 10Page - Power-One ZY7120HG-T2 Datasheet HTML 11Page - Power-One ZY7120HG-T2 Datasheet HTML 12Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
ZY7120 20A DC-DC Intelligent POL Data Sheet
3V to 13.2V Input 0.5V to 5.5V Output
5.
Typical Performance Characteristics
5.1
Efficiency Curves
72
74
76
78
80
82
84
86
88
90
92
94
96
0
2468
10
12
14
16
18
20
Output Current, A
Vout=0.5V
Vout=1.2V
Vout=2.5V
Figure 2. Efficiency vs. Load. Vin=3.3V, Fsw=500kHz
70
72
74
76
78
80
82
84
86
88
90
92
94
96
0
2
4
6
8
101214
161820
Output Current, A
Vout=0.5V
Vout=1.2V
Vout=2.5V
Vout=3.3V
Figure 3. Efficiency vs. Load. Vin=5V, Fsw=500kHz
68
70
72
74
76
78
80
82
84
86
88
90
92
94
0
2
4
6
8
10
12
14
16
18
20
Output Current, A
Vout=1.2V
Vout=2.5V
Vout=3.3V
Vout=5.0V
Figure 4. Efficiency vs. Load. Vin=12V, Fsw=500kHz
60
65
70
75
80
85
90
95
0.5
1.5
2.5
3.5
4.5
5.5
Output Voltage, V
Vin=3.3V
Vin=5.0V
Vin=12V
Figure 5. Efficiency vs. Output Voltage, Iout=20A,
Fsw=500kHz
REV. 2.1 MAR 14, 2007
www.power-one.com
Page 8 of 34


Numéro de pièce similaire - ZY7120HG-T2

FabricantNo de pièceFiches techniqueDescription
logo
Diotec Semiconductor
ZY7.5 DIOTEC-ZY7.5 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
Continental Device Indi...
ZY7.5 CDIL-ZY7.5 Datasheet
80Kb / 3P
   SILICON GLASS PASSIVATED 2.0 WATT ZENER DIODES
logo
EIC discrete Semiconduc...
ZY7.5 EIC-ZY7.5 Datasheet
43Kb / 2P
   SILICON ZENER DIODES
logo
Vishay Siliconix
ZY7.5 VISHAY-ZY7.5 Datasheet
320Kb / 7P
   Zener Diodes
02-May-02
logo
Diotec Semiconductor
ZY7.5 DIOTEC-ZY7.5 Datasheet
90Kb / 2P
   Silicon-Power-Zener Diodes
More results

Description similaire - ZY7120HG-T2

FabricantNo de pièceFiches techniqueDescription
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
ZY7007 POWER-ONE-ZY7007 Datasheet
1Mb / 35P
   7A DC-DC Intelligent POL 3V to 14V Input - 0.5V to 5.5V Output
ZY7015 POWER-ONE-ZY7015 Datasheet
2Mb / 34P
   3V to 13.2V Input 0.5V to 5.5V Output
ZY1120G POWER-ONE-ZY1120G Datasheet
325Kb / 17P
   ZY1120 20A No-Bus POL Data Sheet 3V to 14V Input ??0.5V to 5.5V Output
ZY1015 POWER-ONE-ZY1015 Datasheet
868Kb / 17P
   15A No-Bus POL 3V to 14V Input 0.5V to 5.5V Output
YEV09T06 POWER-ONE-YEV09T06 Datasheet
305Kb / 12P
   6A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
YEV09T10 POWER-ONE-YEV09T10 Datasheet
270Kb / 12P
   10A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
YEV09T03 POWER-ONE-YEV09T03 Datasheet
318Kb / 10P
   3A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
Y5117P POWER-ONE-Y5117P Datasheet
1Mb / 14P
   3.0V to 13.2V Input 0.7V to 3.63V Output
logo
Rohm
BD95602MUV-LB ROHM-BD95602MUV-LB Datasheet
3Mb / 42P
   5.5V to 28V Input, 2ch Synchronous Buck DC/DC Controller
30.May.2017 Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com