Moteur de recherche de fiches techniques de composants électroniques |
|
BC857CT-7-F Fiches technique(PDF) 3 Page - Diodes Incorporated |
|
BC857CT-7-F Fiches technique(HTML) 3 Page - Diodes Incorporated |
3 / 3 page DS30275 Rev. 8 - 2 3 of 3 BC857AT, BT, CT www.diodes.com 1 0.1 10 100 1000 I , COLLECTOR CURRENT (mA) C Fig. 2 Collector Emitter Saturation Voltage vs. Collector Current T = 25°C A T = -50°C A T = 150°C A 0 0.1 0.2 0.3 0.4 0.5 I C I B = 10 0 50 100 25 50 75 100 125 150 175 200 T , AMBIENT TEMPERATURE (°C) A Fig. 1, Max Power Dissipation vs Ambient Temperature 150 200 250 0 10 100 1000 1 10 100 I , COLLECTOR CURRENT (mA) C Fig. 4, Gain Bandwidth Product vs Collector Current V = 5V CE 1 10 100 1000 1 10 100 1000 V = 5V CE I , COLLECTOR CURRENT (mA) C Fig. 3, DC Current Gain vs. Collector Current T = 25°C A T = -50°C A T = 150°C A IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated. |
Numéro de pièce similaire - BC857CT-7-F |
|
Description similaire - BC857CT-7-F |