Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS21T Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce BAS21T
Description  SURFACE MOUNT FAST SWITCHING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS21T Fiches technique(HTML) 1 Page - Diodes Incorporated

  BAS21T_1 Datasheet HTML 1Page - Diodes Incorporated BAS21T_1 Datasheet HTML 2Page - Diodes Incorporated BAS21T_1 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free Green
DS30264 Rev. 6 - 2
1 of 3
BAS21T
www.diodes.com
ã Diodes Incorporated
BAS21T
SURFACE MOUNT FAST SWITCHING DIODE
·
Case: SOT-523
·
Case Material: Molded Plastic, "Green" Molding
Compound, Note 5. UL Flammability Classification
Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe)
·
Polarity: See Diagram
·
Marking: T3 (See Page 2)
·
Weight: 0.002 grams (approximate)
Mechanical Data
A
M
J
L
D
B C
H
K
G
N
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Ultra-Small Surface Mount Package
·
Fast Switching Speed
·
For General Purpose Switching Applications
·
High Conductance
·
Lead Free/RoHS Compliant (Note 3)
·
"Green" Device, Note 4 and 5
Characteristic
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
250
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
200
V
RMS Reverse Voltage
VR(RMS)
141
V
Forward Continuous Current (Note 1)
IFM
400
mA
Average Rectified Output Current (Note 1)
IO
200
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0
ms
@ t = 1.0s
IFSM
2.5
0.5
A
Repetitive Peak Forward Surge Current
IFRM
625
mA
Power Dissipation (Note 1)
Pd
150
mW
Thermal Resistance Junction to Ambient (Note 1)
RqJA
833
°C/W
Operating and Storage Temperature Range
Tj ,TSTG
-65 to +150
°C
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
250
¾
V
IR = 100
mA
Forward Voltage
VF
¾
1.0
1.25
V
IF = 100mA
IF = 200mA
Reverse Current @ Rated DC Blocking Voltage (Note 2)
IR
¾
100
15
nA
mA
Tj = 25
°C
Tj = 100
°C
Total Capacitance
CT
¾
5.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
¾
50
ns
IF = IR = 30mA,
Irr = 0.1 x IR,RL = 100
W
SOT-523
Dim
Min
Max
Typ
A
0.15
0.30
0.22
B
0.75
0.85
0.80
C
1.45
1.75
1.60
D
¾¾
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
J
0.00
0.10
0.05
K
0.60
0.80
0.75
L
0.10
0.30
0.22
M
0.10
0.20
0.12
N
0.45
0.65
0.50
a
0
°
8
°¾
All Dimensions in mm
Notes:
1. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
3. No purposefully added lead.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Product manufactured with Date Code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to
Date Code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
SPICE MODEL: BAS21T


Numéro de pièce similaire - BAS21T_1

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
BAS21T MCC-BAS21T_13 Datasheet
226Kb / 3P
   150mW 250 Volt Switching Diode
logo
SeCoS Halbleitertechnol...
BAS21T SECOS-BAS21T_15 Datasheet
261Kb / 2P
   Plastic- Encapsulated Diode
logo
Diodes Incorporated
BAS21T DIODES-BAS21T_15 Datasheet
87Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
BAS21T BILIN-BAS21T_17 Datasheet
118Kb / 3P
   Surface Mount Fast Switching Diode
More results

Description similaire - BAS21T_1

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com