Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDC37C665GT Fiches technique(PDF) 8 Page - SMSC Corporation

No de pièce FDC37C665GT
Description  High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C665GT Fiches technique(HTML) 8 Page - SMSC Corporation

Back Button FDC37C665GT_07 Datasheet HTML 4Page - SMSC Corporation FDC37C665GT_07 Datasheet HTML 5Page - SMSC Corporation FDC37C665GT_07 Datasheet HTML 6Page - SMSC Corporation FDC37C665GT_07 Datasheet HTML 7Page - SMSC Corporation FDC37C665GT_07 Datasheet HTML 8Page - SMSC Corporation FDC37C665GT_07 Datasheet HTML 9Page - SMSC Corporation FDC37C665GT_07 Datasheet HTML 10Page - SMSC Corporation FDC37C665GT_07 Datasheet HTML 11Page - SMSC Corporation FDC37C665GT_07 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 152 page
background image
8
DESCRIPTION OF PIN FUNCTIONS
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
7
nDirection
Control
nDIR
OD48
This
high
current
low
active
output
determines
the
direction
of
the
head
movement.
A logic "1" on this pin means
outward motion, while a logic "0" means
inward motion.
8
nStep Pulse
nSTEP
OD48
This active low high current driver issues a
low pulse for each track-to-track movement
of the head.
17
nDisk Change
nDSKCHG
IS
This input senses that the drive door is open
or that the diskette has possibly been
changed since the last drive selection. This
input is inverted and read via bit 7 of I/O
address 3F7H.
4,3
nDrive Select
O,1
nDS0,1
OD48
Active low open drain outputs select drives
0-1. Refer to Note 2.
98
nDrive Select 2
nDrive Select 3
PDIR
nDS2
nDS3
PDIR
OD48
OD48
O4
Active low open drain output selects drives
2. Refer to Note 2.
In non-ECP mode: Active low open drain
output selects drive 3. Refer to Note 2.
This bit is used to indicate the direction of
the Parallel Port data bus. 0 = output/write
1 = input/read
97
nDrive Select 3
I/O Address 10
nDS3
A10
0D48
I
In non-ECP mode: Active low open drain
output selects drive 3. Refer to Note 2.
In ECP Mode, this pin is the A10 address
input.
2,5
nMotor On 0,1
nMTR0,1
OD48
These active low open drain outputs select
motor drives 0-1. Refer to Note 1.
96
nMotor On 2
nMTR2
nPDACK
OD48
I
Motor On 2: Refer to Note 1.
In ECP Mode, nMTR2 is the Parallel Port
DMA Acknowledge input. Active Low.
99
nMotor On 3
nMTR3
PDRQ
OD48
O24
Motor On 3: Refer to Note 1.
In ECP Mode, MTR3 is the Parallel Port
DMA Request output. Active High.


Numéro de pièce similaire - FDC37C665GT_07

FabricantNo de pièceFiches techniqueDescription
logo
SMSC Corporation
FDC37C665GT SMSC-FDC37C665GT Datasheet
621Kb / 152P
   High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
More results

Description similaire - FDC37C665GT_07

FabricantNo de pièceFiches techniqueDescription
logo
SMSC Corporation
FDC37C665GT SMSC-FDC37C665GT Datasheet
621Kb / 152P
   High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
FDC37C665IR SMSC-FDC37C665IR Datasheet
562Kb / 162P
   3/5 Volt Advanced High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controller with Infranred Support
logo
Microchip Technology
FDC37C669-MT MICROCHIP-FDC37C669-MT Datasheet
593Kb / 162P
   PC 98/99 Compliant Super I/O Floppy Disk Controller
Rev. 06/29/2007
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
   PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
logo
Fujitsu Component Limit...
MB4107A FUJITSU-MB4107A Datasheet
524Kb / 16P
   FLOPPY DISK VFO
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
National Semiconductor ...
PC87334VLJ NSC-PC87334VLJ Datasheet
971Kb / 102P
   SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com