Moteur de recherche de fiches techniques de composants électroniques |
|
SMAJ75A-13-F Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
SMAJ75A-13-F Fiches technique(HTML) 2 Page - Diodes Incorporated |
2 / 4 page DS19005 Rev. 13 - 2 2 of 4 SMAJ5.0(C)A - SMAJ170(C)A www.diodes.com Part Number Add C For Bi-Directional (Note 5) Reverse Standoff Voltage Breakdown Voltage VBR @ IT (Note 6) Test Current Max. Reverse Leakage @ VRWM (Note 7) Max. Clamping Voltage @ Ipp Max. Peak Pulse Current Ipp Marking Code VRWM (V) Min (V) Max (V) IT (mA) IR ( mA) VC (V) (A) BI- UNI- SMAJ5.0(C)A 5.0 6.40 7.25 10 800 9.2 43.5 TE HE SMAJ6.0(C)A 6.0 6.67 7.37 10 800 10.3 38.8 TG HG SMAJ6.5(C)A 6.5 7.22 7.98 10 500 11.2 35.7 TK HK SMAJ7.0(C)A 7.0 7.78 8.60 10 200 12.0 33.3 TM HM SMAJ7.5(C)A 7.5 8.33 9.21 1.0 100 12.9 31.0 TP HP SMAJ8.0(C)A 8.0 8.89 9.83 1.0 50 13.6 29.4 TR HR SMAJ8.5(C)A 8.5 9.44 10.4 1.0 10 14.4 27.7 TT HT SMAJ9.0(C)A 9.0 10.0 11.1 1.0 5.0 15.4 26.0 TV HV SMAJ10(C)A 10 11.1 12.3 1.0 5.0 17.0 23.5 TX HX SMAJ11(C)A 11 12.2 13.5 1.0 5.0 18.2 22.0 TZ HZ SMAJ12(C)A 12 13.3 14.7 1.0 5.0 19.9 20.1 UE IE SMAJ13(C)A 13 14.4 15.9 1.0 5.0 21.5 18.6 UG IG SMAJ14(C)A 14 15.6 17.2 1.0 5.0 23.2 17.2 UK IK SMAJ15(C)A 15 16.7 18.5 1.0 5.0 24.4 16.4 UM IM SMAJ16(C)A 16 17.8 19.7 1.0 5.0 26.0 15.3 UP IP SMAJ17(C)A 17 18.9 20.9 1.0 5.0 27.6 14.5 UR IR SMAJ18(C)A 18 20.0 22.1 1.0 5.0 29.2 13.7 UT IT SMAJ20(C)A 20 22.2 24.5 1.0 5.0 32.4 12.3 UV IV SMAJ22(C)A 22 24.4 26.9 1.0 5.0 35.5 11.2 UX IX SMAJ24(C)A 24 26.7 29.5 1.0 5.0 38.9 10.3 UZ IZ SMAJ26(C)A 26 28.9 31.9 1.0 5.0 42.1 9.5 VE JE SMAJ28(C)A 28 31.1 34.4 1.0 5.0 45.4 8.8 VG JG SMAJ30(C)A 30 33.3 36.8 1.0 5.0 48.4 8.3 VK JK SMAJ33(C)A 33 36.7 40.6 1.0 5.0 53.3 7.5 VM JM SMAJ36(C)A 36 40.0 44.2 1.0 5.0 58.1 6.9 VP JP SMAJ40(C)A 40 44.4 49.1 1.0 5.0 64.5 6.2 VR JR SMAJ43(C)A 43 47.8 52.8 1.0 5.0 69.4 5.7 VT JT SMAJ45(C)A 45 50.0 55.3 1.0 5.0 72.7 5.5 VV JV SMAJ48(C)A 48 53.3 58.9 1.0 5.0 77.4 5.2 VX JX SMAJ51(C)A 51 56.7 62.7 1.0 5.0 82.4 4.9 VZ JZ SMAJ54(C)A 54 60.0 66.3 1.0 5.0 87.1 4.6 WE RE SMAJ58(C)A 58 64.4 71.2 1.0 5.0 93.6 4.3 WG RG SMAJ60(C)A 60 66.7 73.7 1.0 5.0 96.8 4.1 WK RK SMAJ64(C)A 64 71.1 78.6 1.0 5.0 103 3.9 WM RM SMAJ70(C)A 70 77.8 86.0 1.0 5.0 113 3.5 WP RP SMAJ75(C)A 75 83.3 92.1 1.0 5.0 121 3.3 WR RR SMAJ78(C)A 78 86.7 95.8 1.0 5.0 126 2.2 WT RT SMAJ85(C)A 85 94.4 104 1.0 5.0 137 2.9 WV RV SMAJ90(C)A 90 100 111 1.0 5.0 146 2.7 WX RX SMAJ100(C)A 100 111 123 1.0 5.0 162 2.5 WZ RZ SMAJ110(C)A 110 122 135 1.0 5.0 177 2.3 XE SE SMAJ120(C)A 120 133 147 1.0 5.0 193 2.0 XG SG SMAJ130(C)A 130 144 159 1.0 5.0 209 1.9 XK SK SMAJ150(C)A 150 167 185 1.0 5.0 243 1.6 XM SM SMAJ160(C)A 160 178 197 1.0 5.0 259 1.5 XP SP SMAJ170(C)A 170 189 209 1.0 5.0 275 1.4 XR SR Notes: 5. Suffix C denotes Bi-directional device. 6. VBR measured with IT current pulse = 300 ms 7. For Bi-Directional devices having VRWM of 10V and under, the IR is doubled. |
Numéro de pièce similaire - SMAJ75A-13-F |
|
Description similaire - SMAJ75A-13-F |