Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7521 Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce AD7521
Description  10-Bit, 12-Bit, Multiplying D/A Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

AD7521 Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button AD7521 Datasheet HTML 2Page - Intersil Corporation AD7521 Datasheet HTML 3Page - Intersil Corporation AD7521 Datasheet HTML 4Page - Intersil Corporation AD7521 Datasheet HTML 5Page - Intersil Corporation AD7521 Datasheet HTML 6Page - Intersil Corporation AD7521 Datasheet HTML 7Page - Intersil Corporation AD7521 Datasheet HTML 8Page - Intersil Corporation AD7521 Datasheet HTML 9Page - Intersil Corporation AD7521 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
3. To decrease VOUT, connect a series resistor (0 to 250Ω)
between the reference voltage and the VREF terminal.
4. To increase VOUT, connect a series resistor (0 to 250Ω)
in the IOUT1 amplifier feedback loop.
Bipolar (Offset Binary) Operation
The circuit configuration for operating the AD7520 in the
bipolar mode is given in Figure 9. Similar circuits can be
used for AD7521. Using offset binary digital input codes
and positive and negative reference voltage values,
4-Quadrant multiplication can be realized. The “Digital
Input Code/Analog Output Value” table for bipolar mode is
given in Table 2.
A “Logic 1” input at any digital input forces the corresponding
ladder switch to steer the bit current to IOUT1 bus. A “Logic 0”
input forces the bit current to IOUT2 bus. For any code the
IOUT1 and IOUT2 bus currents are complements of one
another. The current amplifier at IOUT2 changes the polarity
of IOUT2 current and the transconductance amplifier at
IOUT1 output sums the two currents. This configuration
doubles the output range. The difference current resulting
at zero offset binary code, (MSB = “Logic 1”, all other
bits = “Logic 0”), is corrected by using an external resistor,
(10MW), from VREF to IOUT2 .
Offset Adjustment
1. Adjust VREF to approximately +10V.
2. Connect all digital inputs to “Logic 1”.
3. Adjust IOUT2 amplifier offset adjust trimpot for 0V ±1mV at
IOUT2 amplifier output.
4. Connect MSB (Bit 1) to “Logic 1” and all other bits to
“Logic 0”.
5. Adjust IOUT1 amplifier offset adjust trimpot for 0V ±1mV
at VOUT.
Gain Adjustment
1. Connect all digital inputs to V+.
2. Monitor VOUT for a -VREF (1-2-(N-1) volts reading. (N = 8 for
AD7520, and N = 10 for AD7521.).
3. To increase VOUT, connect a series resistor of up to 250Ω
between VOUT and RFEEDBACK.
4. To decrease VOUT, connect a series resister of up to 250Ω
between the reference voltage and the VREF terminal.
TABLE 2. BlPOLAR (OFFSET BINARY) CODE TABLE
DIGITAL INPUT
ANALOG OUTPUT
1111111111
-VREF (1-2-(N-1))
1000000001
-VREF (2-(N-1))
1000000000
0
0111111111
VREF (2-(N-1))
0000000001
VREF (1-2-(N-1))
0000000000
VREF
NOTES:
1. LSB = 2-(N-1) VREF.
2. N = 8 for 7520
N = 10 for 7521.
15
16
1
5
4
13 3
2
AD7520
BIT 1
BIT 10
14
+15V
VREF
IOUT2
6
-
+
RFEEDBACK
6
-
+
(MSB)
(LSB)
IOUT1
R1 10K
0.01%
R2 10K
0.01%
R3
10M
FIGURE 9. BIPOLAR OPERATION (4-QUADRANT
MULTIPLICATION)
AD7520, AD7521


Numéro de pièce similaire - AD7521

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
AD7521 INTERSIL-AD7521 Datasheet
138Kb / 9P
   10-Bit, 12-Bit, Multiplying D/A Converters
August 1997
logo
Analog Devices
AD7521 AD-AD7521 Datasheet
640Kb / 8P
   CMOS 10&12-Bit Monolithic Multiplying D/A Converters
logo
Intersil Corporation
AD7521 INTERSIL-AD7521 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Renesas Technology Corp
AD7521 RENESAS-AD7521 Datasheet
541Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
National Semiconductor ...
AD7521JD NSC-AD7521JD Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
More results

Description similaire - AD7521

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
AD7520 INTERSIL-AD7520 Datasheet
138Kb / 9P
   10-Bit, 12-Bit, Multiplying D/A Converters
August 1997
logo
Renesas Technology Corp
AD7520 RENESAS-AD7520 Datasheet
541Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
Analog Devices
AD7520 AD-AD7520 Datasheet
640Kb / 8P
   CMOS 10&12-Bit Monolithic Multiplying D/A Converters
logo
Maxim Integrated Produc...
MX7530 MAXIM-MX7530 Datasheet
192Kb / 4P
   CMOS 10 and 12 Bit Multiplying D/a Converters
Rev 1; 7/95
MX7520 MAXIM-MX7520 Datasheet
294Kb / 8P
   CMOS 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
logo
Analog Devices
AD7520 AD-AD7520_15 Datasheet
3Mb / 12P
   CMOS 10 12 BIT MONOLITHIC MULTIPLYING D/A CONVERTERS
REV. B
logo
Maxim Integrated Produc...
MX7530-MX7531 MAXIM-MX7530-MX7531 Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
logo
Analog Devices
PM7545 AD-PM7545 Datasheet
520Kb / 12P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
REV. C
logo
List of Unclassifed Man...
PM7545HPZ ETC2-PM7545HPZ Datasheet
3Mb / 11P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
logo
National Semiconductor ...
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com