Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7520 Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce AD7520
Description  10-Bit, 12-Bit, Multiplying D/A Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

AD7520 Fiches technique(HTML) 4 Page - Intersil Corporation

  AD7520 Datasheet HTML 1Page - Intersil Corporation AD7520 Datasheet HTML 2Page - Intersil Corporation AD7520 Datasheet HTML 3Page - Intersil Corporation AD7520 Datasheet HTML 4Page - Intersil Corporation AD7520 Datasheet HTML 5Page - Intersil Corporation AD7520 Datasheet HTML 6Page - Intersil Corporation AD7520 Datasheet HTML 7Page - Intersil Corporation AD7520 Datasheet HTML 8Page - Intersil Corporation AD7520 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Definition of Terms
Nonlinearity: Error contributed by deviation of the DAC
transfer function from a “best straight line” through the actual
plot of transfer function. Normally expressed as a
percentage of full scale range or in (sub)multiples of 1 LSB.
Resolution: It is addressing the smallest distinct analog
output change that a D/A converter can produce. It is
commonly expressed as the number of converter bits. A
converter with resolution of N bits can resolve output changes
of 2-N of the full-scale range, e.g., 2-N VREF for a unipolar
conversion. Resolution by no means implies linearity.
Settling Time: Time required for the output of a DAC to
settle to within specified error band around its final value
(e.g., 1/2 LSB) for a given digital input change, i.e., all digital
inputs LOW to HIGH and HIGH to LOW.
Gain Error: The difference between actual and ideal analog
output values at full scale range, i.e., all digital inputs at
HIGH state. It is expressed as a percentage of full scale
range or in (sub)multiples of 1 LSB.
Feedthrough Error: Error caused by capacitive coupling
from VREF to IOUT1 with all digital inputs LOW.
Output Capacitance: Capacitance from IOUT1 and IOUT2
terminals to ground.
Output Leakage Current: Current which appears on IOUT1
terminal when all digital inputs are LOW or on IOUT2 terminal
when all digital inputs are HIGH.
Detailed Description
The AD7520 and AD7521 are monolithic, multiplying D/A
converters. A highly stable thin film R-2R resistor ladder
network and NMOS SPDT switches form the basis of the
converter circuit, CMOS level shifters permit low power
TTL/CMOS compatible operation. An external voltage or
current reference and an operational amplifier are all that is
required for most voltage output applications.
A simplified equivalent circuit of the DAC is shown in the
Functional Diagram. The NMOS SPDT switches steer the
ladder leg currents between IOUT1 and IOUT2 buses which
must be held either at ground potential. This configuration
maintains a constant current in each ladder leg independent
of the input code.
Converter errors are further reduced by using separate
metal interconnections between the major bits and the
outputs. Use of high threshold switches reduce offset
(leakage) errors to a negligible level.
The level shifter circuits are comprised of three inverters with
positive feedback from the output of the second to the first, see
Figure 1. This configuration results in TTL/CMOS compatible
operation over the full military temperature range. With the
ladder SPDT switches driven by the level shifter, each switch is
binarily weighted for an ON resistance proportional to the
respective ladder leg current. This assures a constant voltage
drop across each switch, creating equipotential terminations for
the 2R ladder resistors and highly accurate leg currents.
V+
DTL/TTL/
CMOS INPUT
13
4
5
6
7
2
89
TO LADDER
IOUT2 IOUT1
FIGURE 1. CMOS LEVEL SHIFTER AND SWITCH
Test Circuits The following test circuits apply for the AD7520. Similar circuits are used for the AD7521.
FIGURE 2. NONLINEARITY
FIGURE 3. POWER SUPPLY REJECTION
10-BIT
BINARY
COUNTER
GND
15 16
1
5
4
13 32
AD7520
BIT 1
(MSB)
BIT 10
(LSB)
LINEARITY
ERROR
x 100
RFEEDBACK
IOUT1
IOUT2
HA2600
-
+
VREF
BIT 1
(MSB)
BIT 10
BIT 11
BIT 12
10k
Ω 0.01%
1M
10k
0.01%
CLOCK
+15V
VREF
HA2600
-
+
12-BIT
REFERENCE
DAC
15
16
1
5
4
13 32
AD7520
BIT 1
(MSB)
BIT 10
(LSB)
HA2600
-
+
HA2600
-
+
500k
UNGROUNDED
SINE WAVE
GENERATOR
40Hz 1VP-P
5k
Ω 0.01%
5K 0.01%
RFEEDBACK
+15V
+10V
VREF
IOUT1
IOUT2
14
GND
VERROR x 100
AD7520, AD7521


Numéro de pièce similaire - AD7520

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
AD7520 INTERSIL-AD7520 Datasheet
138Kb / 9P
   10-Bit, 12-Bit, Multiplying D/A Converters
August 1997
logo
Analog Devices
AD7520 AD-AD7520 Datasheet
640Kb / 8P
   CMOS 10&12-Bit Monolithic Multiplying D/A Converters
logo
Intersil Corporation
AD7520 INTERSIL-AD7520 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Renesas Technology Corp
AD7520 RENESAS-AD7520 Datasheet
541Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
Analog Devices
AD7520 AD-AD7520 Datasheet
3Mb / 12P
   CMOS 10 12 BIT MONOLITHIC MULTIPLYING D/A CONVERTERS
REV. B
More results

Description similaire - AD7520

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
AD7520 INTERSIL-AD7520 Datasheet
138Kb / 9P
   10-Bit, 12-Bit, Multiplying D/A Converters
August 1997
logo
Renesas Technology Corp
AD7520 RENESAS-AD7520 Datasheet
541Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
Analog Devices
AD7520 AD-AD7520 Datasheet
640Kb / 8P
   CMOS 10&12-Bit Monolithic Multiplying D/A Converters
logo
Maxim Integrated Produc...
MX7530 MAXIM-MX7530 Datasheet
192Kb / 4P
   CMOS 10 and 12 Bit Multiplying D/a Converters
Rev 1; 7/95
MX7520 MAXIM-MX7520 Datasheet
294Kb / 8P
   CMOS 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
logo
Analog Devices
AD7520 AD-AD7520_15 Datasheet
3Mb / 12P
   CMOS 10 12 BIT MONOLITHIC MULTIPLYING D/A CONVERTERS
REV. B
logo
Maxim Integrated Produc...
MX7530-MX7531 MAXIM-MX7530-MX7531 Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
logo
Analog Devices
PM7545 AD-PM7545 Datasheet
520Kb / 12P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
REV. C
logo
List of Unclassifed Man...
PM7545HPZ ETC2-PM7545HPZ Datasheet
3Mb / 11P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
logo
National Semiconductor ...
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com