Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS82C54-12 Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce CS82C54-12
Description  CMOS Programmable Intervel Timer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C54-12 Fiches technique(HTML) 4 Page - Intersil Corporation

  CS82C54-12 Datasheet HTML 1Page - Intersil Corporation CS82C54-12 Datasheet HTML 2Page - Intersil Corporation CS82C54-12 Datasheet HTML 3Page - Intersil Corporation CS82C54-12 Datasheet HTML 4Page - Intersil Corporation CS82C54-12 Datasheet HTML 5Page - Intersil Corporation CS82C54-12 Datasheet HTML 6Page - Intersil Corporation CS82C54-12 Datasheet HTML 7Page - Intersil Corporation CS82C54-12 Datasheet HTML 8Page - Intersil Corporation CS82C54-12 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
82C54
AC Electrical SpecificationsVCC = +5.0V ± 10%, Includes all Temperature Ranges
SYMBOL
PARAMETER
82C54
82C54-10
82C54-12
UNITS
TEST
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
READ CYCLE
(1)
TAR
Address Stable Before RD
30
-
25
-
25
-
ns
1
(2)
TSR
CS Stable Before RD
0-0-0-
ns
1
(3)
TRA
Address Hold Time After RD
0-0-0-
ns
1
(4)
TRR
RD Pulse Width
150
-
95
-
95
-
ns
1
(5)
TRD
Data Delay from RD
-
120
-
85
-
85
ns
1
(6)
TAD
Data Delay from Address
-
210
-
185
-
185
ns
1
(7)
TDF
RD to Data Floating
5
85
5
65
5
65
ns
2, Note 1
(8)
TRV
Command Recovery Time
200
-
165
-
165
-
ns
WRITE CYCLE
(9)
TAW
Address Stable Before WR
0-0-0-
ns
(10)
TSW
CS Stable Before WR
0-0-0-
ns
(11)
TWA
Address Hold Time After WR
0-0-0-
ns
(12)
TWW
WR Pulse Width
95
-
95
-
95
-
ns
(13)
TDW
Data Setup Time Before WR
140
-
95
-
95
-
ns
(14)
TWD
Data Hold Time After WR
25
-0-0-
ns
(15)
TRV
Command Recovery Time
200
-
165
-
165
-
ns
CLOCK AND GATE
(16)
TCLK
Clock Period
125
DC
100
DC
80
DC
ns
1
(17)
TPWH
High Pulse Width
60
-
30
-
30
-
ns
1
(18)
TPWL
Low Pulse Width
60
-
40
-
30
-
ns
1
(19)
TR
Clock Rise Time
-
25
-
25
-
25
ns
(20)
TF
Clock Fall Time
-
25
-
25
-
25
ns
(21)
TGW
Gate Width High
50
-
50
-
50
-
ns
1
(22)
TGL
Gate Width Low
50
-
50
-
50
-
ns
1
(23)
TGS
Gate Setup Time to CLK
50
-
40
-
40
-
ns
1
(24)
TGH
Gate Hold Time After CLK
50
-
50
-
50
-
ns
1
(25)
TOD
Output Delay from CLK
-
150
-
100
-
100
ns
1
(26)
TODG
Output Delay from Gate
-
120
-
100
-
100
ns
1
(27)
TWO
OUT Delay from Mode Write
-
260
-
240
-
240
ns
1
(28)
TWC
CLK Delay for Loading
0
55
0
55
0
55
ns
1
(29)
TWG
Gate Delay for Sampling
-5
40
-5
40
-5
40
ns
1
(30)
TCL
CLK Setup for Count Latch
-40
40
-40
40
-40
40
ns
1
NOTE:
1. Not tested, but characterized at initial design and at major process/design changes.


Numéro de pièce similaire - CS82C54-12

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CS82C54-12 INTERSIL-CS82C54-12 Datasheet
142Kb / 17P
   CMOS Programmable Interval Timer
March 1997
More results

Description similaire - CS82C54-12

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
   CMOS Programmable Timer
logo
Texas Instruments
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Programmable Timer
CD4536BE TI-CD4536BE Datasheet
1Mb / 21P
[Old version datasheet]   CMOS Programmable Timer
CD4536B TI-CD4536B Datasheet
415Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE TIMER
logo
Intersil Corporation
CD4536BMS INTERSIL-CD4536BMS Datasheet
147Kb / 13P
   CMOS Programmable Timer
December 1992
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
   CMOS Programmable Interval Timer
logo
Unisonic Technologies
CD4541 UTC-CD4541 Datasheet
73Kb / 7P
   PROGRAMMABLE TIMER CMOS IC
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
   CMOS Programmable Interval Timer
Sep 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com