Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMA3018QFN Fiches technique(PDF) 2 Page - Filtronic Compound Semiconductors

No de pièce FMA3018QFN
Description  MEDIUM LINEARITY INTEGRATED BALANCED AMPLIFIER MODULE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FILTRONIC [Filtronic Compound Semiconductors]
Site Internet  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3018QFN Fiches technique(HTML) 2 Page - Filtronic Compound Semiconductors

  FMA3018QFN Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3018QFN Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3018QFN Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3018QFN Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
FMA3018QFN
Preliminary Datasheet v2.1
ABSOLUTE MAXIMUM RATING
1:
Notes:
1.
TAmbient = 22°C unless otherwise noted; exceeding any one of these absolute maximum ratings may
cause permanent damage to the device
2.
Information on the mounting of QFN style packages for optimum thermal performance is available on
request.
BIASING GUIDELINE:
The BA1500QFN module is a self-biased circuit, which employ an RF-bypassed source resistor to
provide the negative Gate-Source bias voltage, and such circuits provide some temperature
stabilization for the device
TYPICAL MEASURED PERFORMANCE ON EVALUATION BOARD:
0.5
1
1.5
2
2.5
3
Frequency (GHz)
S21 (dB)
0
5
10
15
20
0.511.522.53
Frequency (GHz)
Return Loss (dB)
-40
-30
-20
-10
0
S11
S22
1.61.7
1.81.9
2
2.1
Frequency (GHz)
NF (dB)
1
1.5
2
2.5
3
1.7
1.8
1.9
2
Frequency (GHz)
IIP3 LO (dBm)
23
24
25
26
27
28
Note: NF can be centred by optimising printed inductive elements
PARAMETER
SYMBOL
TEST CONDITIONS
ABSOLUTE MAXIMUM
Drain-Source Voltage
VDS
5
8V
Channel Operating Temperature
TCH
Under any acceptable bias state
175°C
Storage Temperature
TSTG
Non-Operating Storage
-55°C to 150°C
2


Numéro de pièce similaire - FMA3018QFN

FabricantNo de pièceFiches techniqueDescription
logo
Filtronic Compound Semi...
FMA3011 FILTRONIC-FMA3011 Datasheet
380Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3011 FILTRONIC-FMA3011 Datasheet
395Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3011 FILTRONIC-FMA3011_1 Datasheet
395Kb / 9P
   12.7-16GHZ MMIC POWER AMPLIFIER
FMA3014 FILTRONIC-FMA3014 Datasheet
253Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
FMA3014 FILTRONIC-FMA3014 Datasheet
239Kb / 6P
   12.7-16GHZ MMIC LIMITING AMPLIFIER
More results

Description similaire - FMA3018QFN

FabricantNo de pièceFiches techniqueDescription
logo
Filtronic Compound Semi...
FMA3019QFN FILTRONIC-FMA3019QFN Datasheet
127Kb / 4P
   HIGH LINEARITY INTEGRATED BALANCED AMPLIFIER MODULE
FPM2750QFN FILTRONIC-FPM2750QFN Datasheet
418Kb / 8P
   LOW NOISE HIGH LINEARITY BALANCED AMPLIFIER MODULE
logo
WJ Communication. Inc.
AH101 WJCI-AH101 Datasheet
372Kb / 5P
   Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH102A ETC-AH102A Datasheet
235Kb / 6P
   Medium Power, High Linearity Amplifier
logo
TriQuint Semiconductor
AH102A-G TRIQUINT-AH102A-G_15 Datasheet
203Kb / 5P
   Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH101 ETC-AH101 Datasheet
214Kb / 6P
   Medium Power, High Linearity Amplifier
logo
WJ Communication. Inc.
AH102A WJCI-AH102A Datasheet
243Kb / 5P
   Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH102 ETC-AH102 Datasheet
278Kb / 6P
   Medium Power, High Linearity Amplifier
logo
TriQuint Semiconductor
AH101-G TRIQUINT-AH101-G_15 Datasheet
566Kb / 7P
   Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH201 ETC-AH201 Datasheet
220Kb / 4P
   Medium Power, High Linearity Amplifier
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com